Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 6 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM69 Datasheet HTML 2Page - Texas Instruments AM69 Datasheet HTML 3Page - Texas Instruments AM69 Datasheet HTML 4Page - Texas Instruments AM69 Datasheet HTML 5Page - Texas Instruments AM69 Datasheet HTML 6Page - Texas Instruments AM69 Datasheet HTML 7Page - Texas Instruments AM69 Datasheet HTML 8Page - Texas Instruments AM69 Datasheet HTML 9Page - Texas Instruments AM69 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 312 page
background image
4 Device Comparison
Table 4-1 shows the features of the SoC.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see the AM69 Software Build Sheet (PROCESSOR-SDK-AM69) and AM69A Software Build Sheet
(PROCESSOR-SDK-AM69A).
Table 4-1. Device Comparison
FEATURES(9)
REFERENCE
NAME
AM69A98
AM69A94
AM69A78
AM6958
AM6954
MECHANICAL PACKAGES
ALY (FCBGA, 1414)
31mm x 31mm
Yes
–
Yes
Yes
–
AND (FCBGA, 1063)
27mm x 27mm
–
Yes
–
–
Yes
PROCESSORS AND ACCELERATORS
Speed Grades
T
Arm Cortex-A72 Microprocessor
Subsystem
Arm A72
Octal Core
Quad Core(14)
Octal Core
Octal Core
Quad Core(14)
Arm Cortex-R5F
Arm R5F
Device
Management
Dual Core(11)
Arm R5F
General Compute
Dual Core(11)
Security Management Subsystem
SMS
Yes
Security Accelerators
SA
Yes
Deep Learning Accelerator (32 TOPS)
C7x DSP + MMA
Quad Core(12)
3 C7x DSP + 2
MMA(12)
Quad Core(12)
No
Graphics Accelerator IMG BXS-4-64
GPU
Yes
No
Yes
Depth and Motion Processing Accelerators
DMPAC
Yes
No
Vision Processing Accelerators
VPAC
Yes
No
Video Encoder/Decoder
VENC/VDEC
2 × Encode/Decode
1 × Encode/Decode
2 × Encode/Decode
1 × Encode/Decode
SAFETY AND SECURITY
Safety Targeted
Safety
No (1)
Device Security
Security
Optional(2)
AEC-Q100 Qualified
Q1
Optional(3)
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in MAIN
Domain
OCSRAM
512KB SRAM
On-Chip Shared Memory (RAM) in MCU
Domain
MCU_MSRAM
1MB SRAM
Multicore Shared Memory Controller
MSMC
8MB (On-Chip SRAM
with ECC)
4MB (On-Chip SRAM
with ECC)
8MB (On-Chip SRAM with ECC)
4MB (On-Chip SRAM
with ECC)
LPDDR4 DDR Subsystem
DDRSS0(5)
Up to 8GB (32-bit data) with inline ECC
DDRSS1(5)
Up to 8GB (32-bit data) with inline ECC
DDRSS2(4) (5)
Up to 8GB (32-bit
data) with inline ECC
No
Up to 8GB (32-bit data) with inline ECC
No
DDRSS3(4) (5)
Up to 8GB (32-bit
data) with inline ECC
No
Up to 8GB (32-bit data) with inline ECC
No
SECDED
Yes
General-Purpose Memory Controller
GPMC
Up to 1GB with ECC
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com