Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 48 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AM69 Datasheet HTML 44Page - Texas Instruments AM69 Datasheet HTML 45Page - Texas Instruments AM69 Datasheet HTML 46Page - Texas Instruments AM69 Datasheet HTML 47Page - Texas Instruments AM69 Datasheet HTML 48Page - Texas Instruments AM69 Datasheet HTML 49Page - Texas Instruments AM69 Datasheet HTML 50Page - Texas Instruments AM69 Datasheet HTML 51Page - Texas Instruments AM69 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AC32
G31
MCASP1_AXR1
PADCFG:
PADCONFIG_19
0x0011C04C
MCAN7_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP1_AXR1
1
IO
VOUT0_DATA10
2
O
GPMC0_AD8
6
IO
GPIO0_19
7
IO
SPI3_D0
8
IO
EHRPWM_TZn_IN1
9
I
TRC_DATA8
10
O
UART0_CTSn
11
I
UART9_RXD
12
I
I2C2_SCL
13
IOD
AC37
J31
MCASP1_AXR2
PADCFG:
PADCONFIG_20
0x0011C050
MCAN8_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP1_AXR2
1
IO
VOUT0_DATA9
2
O
VOUT0_DATA21
5
O
GPMC0_AD9
6
IO
GPIO0_20
7
IO
SPI3_D1
8
IO
EQEP2_B
9
I
TRC_DATA6
10
O
UART0_RTSn
11
O
UART9_TXD
12
O
I2C2_SDA
13
IOD
AL33
P31
MCASP1_AXR3
PADCFG:
PADCONFIG_44
0x0011C0B0
MCAN9_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP1_AXR3
1
IO
PCIE2_CLKREQn
4
IO
GPMC0_A9
5
OZ
RGMII1_RXC
6
I
GPIO0_44
7
IO
RMII1_TXD1
8
O
EQEP1_A
9
I
UART8_TXD
11
O
I2C1_SDA
13
IOD
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com