Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 59 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM69 Datasheet HTML 55Page - Texas Instruments AM69 Datasheet HTML 56Page - Texas Instruments AM69 Datasheet HTML 57Page - Texas Instruments AM69 Datasheet HTML 58Page - Texas Instruments AM69 Datasheet HTML 59Page - Texas Instruments AM69 Datasheet HTML 60Page - Texas Instruments AM69 Datasheet HTML 61Page - Texas Instruments AM69 Datasheet HTML 62Page - Texas Instruments AM69 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AC38
F30
MMC1_DAT3
PADCFG:
PADCONFIG_60
0x0011C0F0
MMC1_DAT3
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV5
Yes
SDIO
No
UART7_RXD
1
I
PCIE1_CLKREQn
2
IO
TIMER_IO2
3
IO
EHRPWM0_B
4
IO
EHRPWM3_A
6
IO
GPIO0_60
7
IO
SPI1_CS0
8
IO
UART0_CTSn
9
I
I2C3_SCL
10
IOD
UART5_RXD
11
I
P38
B23
OSC1_XI
OSC1_XI
I
1.8 V
VDDA_OSC1
Yes
HFXOSC
N37
A22
OSC1_XO
OSC1_XO
O
1.8 V
VDDA_OSC1
Yes
HFXOSC
AP4
AJ13
PCIE_REFCLK0_N_OUT
PCIE_REFCLK0_N_OUT
O
1.8 V
VDDA_0P8_
SERDES0_1
/
VDDA_0P8_
SERDES_C0
_1 /
VDDA_1P8_
SERDES0_1
4L_PHY
AP5
AJ12
PCIE_REFCLK0_P_OUT
PCIE_REFCLK0_P_OUT
O
1.8 V
VDDA_0P8_
SERDES0_1
/
VDDA_0P8_
SERDES_C0
_1 /
VDDA_1P8_
SERDES0_1
4L_PHY
AN8
AH14
PCIE_REFCLK1_N_OUT
PCIE_REFCLK1_N_OUT
O
1.8 V
VDDA_0P8_
SERDES0_1
/
VDDA_0P8_
SERDES_C0
_1 /
VDDA_1P8_
SERDES0_1
4L_PHY
AN9
AH13
PCIE_REFCLK1_P_OUT
PCIE_REFCLK1_P_OUT
O
1.8 V
VDDA_0P8_
SERDES0_1
/
VDDA_0P8_
SERDES_C0
_1 /
VDDA_1P8_
SERDES0_1
4L_PHY
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com