Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 52 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 52 Page - Texas Instruments

Back Button AM69 Datasheet HTML 48Page - Texas Instruments AM69 Datasheet HTML 49Page - Texas Instruments AM69 Datasheet HTML 50Page - Texas Instruments AM69 Datasheet HTML 51Page - Texas Instruments AM69 Datasheet HTML 52Page - Texas Instruments AM69 Datasheet HTML 53Page - Texas Instruments AM69 Datasheet HTML 54Page - Texas Instruments AM69 Datasheet HTML 55Page - Texas Instruments AM69 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
C34
C10
MCU_OSPI0_DQS
PADCFG:
WKUP_PADCONFIG_2
0x4301C008
MCU_OSPI0_DQS
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_RWDS
1
IO
WKUP_GPIO0_18
7
IO
D32
D10
MCU_OSPI0_LBCLKO
PADCFG:
WKUP_PADCONFIG_1
0x4301C004
MCU_OSPI0_LBCLKO
0
IO
1.8 V/3.3 V
Off / Off / Off
On / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_CKn
1
O
WKUP_GPIO0_17
7
IO
F32
B7
MCU_OSPI1_CLK
PADCFG:
WKUP_PADCONFIG_16
0x4301C040
MCU_OSPI1_CLK
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
WKUP_GPIO0_31
7
IO
F31
B9
MCU_OSPI1_DQS
PADCFG:
WKUP_PADCONFIG_18
0x4301C048
MCU_OSPI1_DQS
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_OSPI0_CSn3
1
O
MCU_HYPERBUS0_INTn
2
I
MCU_OSPI0_ECC_FAIL
6
I
WKUP_GPIO0_33
7
IO
C31
B10
MCU_OSPI1_LBCLKO
PADCFG:
WKUP_PADCONFIG_17
0x4301C044
MCU_OSPI1_LBCLKO
0
IO
1.8 V/3.3 V
Off / Off / Off
On / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_OSPI0_CSn2
1
O
MCU_HYPERBUS0_RESETOn
2
I
MCU_OSPI0_RESET_OUT0
6
O
WKUP_GPIO0_32
7
IO
A32
F12
MCU_OSPI0_CSn0
PADCFG:
WKUP_PADCONFIG_11
0x4301C02C
MCU_OSPI0_CSn0
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_CSn0
1
O
WKUP_GPIO0_27
7
IO
A33
F11
MCU_OSPI0_CSn1
PADCFG:
WKUP_PADCONFIG_12
0x4301C030
MCU_OSPI0_CSn1
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_RESETn
1
O
WKUP_GPIO0_28
7
IO
B34
F10
MCU_OSPI0_CSn2
PADCFG:
WKUP_PADCONFIG_14
0x4301C038
MCU_OSPI0_CSn2
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_OSPI0_CSn2
1
O
MCU_HYPERBUS0_RESETOn
2
I
MCU_HYPERBUS0_WPn
3
O
MCU_HYPERBUS0_CSn1
4
O
MCU_OSPI0_RESET_OUT0
6
O
WKUP_GPIO0_29
7
IO
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
52
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com