Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 56 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM69 Datasheet HTML 52Page - Texas Instruments AM69 Datasheet HTML 53Page - Texas Instruments AM69 Datasheet HTML 54Page - Texas Instruments AM69 Datasheet HTML 55Page - Texas Instruments AM69 Datasheet HTML 56Page - Texas Instruments AM69 Datasheet HTML 57Page - Texas Instruments AM69 Datasheet HTML 58Page - Texas Instruments AM69 Datasheet HTML 59Page - Texas Instruments AM69 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
E37
B12
MCU_RGMII1_TD2
PADCFG:
WKUP_PADCONFIG_29
0x4301C074
MCU_RGMII1_TD2
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_TIMER_IO3
1
IO
MCU_ADC_EXT_TRIGGER1
3
I
WKUP_GPIO0_43
7
IO
E38
A12
MCU_RGMII1_TD3
PADCFG:
WKUP_PADCONFIG_28
0x4301C070
MCU_RGMII1_TD3
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_TIMER_IO2
1
IO
MCU_ADC_EXT_TRIGGER0
3
I
WKUP_GPIO0_42
7
IO
N36
C22
MCU_SAFETY_ERRORn
PADCFG:
WKUP_PADCONFIG_69
0x4301C114
MCU_SAFETY_ERRORn
0
IO
1.8 V
Off / Off / Down On / SS / Down
0
PU/PD
VDDA_WKU
P
Yes
LVCMOS
No
G38
F15
MCU_SPI0_CLK
PADCFG:
WKUP_PADCONFIG_40
0x4301C0A0
MCU_SPI0_CLK
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
WKUP_GPIO0_54
7
IO
MCU_BOOTMODE00
BOOTS
TRAP
I
F37
E19
MCU_SPI0_CS0
PADCFG:
WKUP_PADCONFIG_43
0x4301C0AC
MCU_SPI0_CS0
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_TIMER_IO1
4
IO
WKUP_GPIO0_70
7
IO
H36
E18
MCU_SPI0_D0
PADCFG:
WKUP_PADCONFIG_41
0x4301C0A4
MCU_SPI0_D0
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
WKUP_GPIO0_55
7
IO
MCU_BOOTMODE01
BOOTS
TRAP
I
J38
E14
MCU_SPI0_D1
PADCFG:
WKUP_PADCONFIG_42
0x4301C0A8
MCU_SPI0_D1
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_TIMER_IO0
4
IO
WKUP_GPIO0_69
7
IO
MCU_BOOTMODE02
BOOTS
TRAP
I
AJ7
AH2
MMC0_CALPAD
MMC0_CALPAD
A
1.8 V
PU/PD
VDDS_MMC
0
eMMCPHY
No
AK5
AJ2
MMC0_CLK
MMC0_CLK
O
1.8 V
On / Low / Off
On / SS / Off
PU/PD
VDDS_MMC
0
eMMCPHY
No
AL8
AL2
MMC0_CMD
MMC0_CMD
IO
1.8 V
On / Off / Up
On / SS / Up
PU/PD
VDDS_MMC
0
eMMCPHY
No
AK4
AJ1
MMC0_DS
MMC0_DS
IO
1.8 V
On / Off / Down On / Off / Down
PU/PD
VDDS_MMC
0
eMMCPHY
No
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
56
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com