Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 51 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 51 Page - Texas Instruments

Back Button AM69 Datasheet HTML 47Page - Texas Instruments AM69 Datasheet HTML 48Page - Texas Instruments AM69 Datasheet HTML 49Page - Texas Instruments AM69 Datasheet HTML 50Page - Texas Instruments AM69 Datasheet HTML 51Page - Texas Instruments AM69 Datasheet HTML 52Page - Texas Instruments AM69 Datasheet HTML 53Page - Texas Instruments AM69 Datasheet HTML 54Page - Texas Instruments AM69 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AA37
D31
MCU_ADC1_AIN4
PADCFG:
WKUP_PADCONFIG_89
0x4301C164
WKUP_GPIO0_83
- (1)
I
1.8 V
0
VDDA_ADC1
ADC12B
No
MCU_ADC1_AIN4
0
A
W33
A32
MCU_ADC1_AIN5
PADCFG:
WKUP_PADCONFIG_90
0x4301C168
MCU_ADC1_AIN5
0
A
1.8 V
0
VDDA_ADC1
ADC12B
No
WKUP_GPIO0_84
- (1)
I
U33
A30
MCU_ADC1_AIN6
PADCFG:
WKUP_PADCONFIG_91
0x4301C16C
WKUP_GPIO0_85
- (1)
I
1.8 V
0
VDDA_ADC1
ADC12B
No
MCU_ADC1_AIN6
0
A
Y36
C28
MCU_ADC1_AIN7
PADCFG:
WKUP_PADCONFIG_92
0x4301C170
WKUP_GPIO0_86
- (1)
I
1.8 V
0
VDDA_ADC1
ADC12B
No
MCU_ADC1_AIN7
0
A
M35
D22
MCU_I2C0_SCL
PADCFG:
WKUP_PADCONFIG_66
0x4301C108
MCU_I2C0_SCL
0
IOD
1.8 V/3.3 V
Off / Off / Off
On / SS / Off
0
VDDSHV0_
MCU
Yes
I2C OPEN
DRAIN
Yes
WKUP_GPIO0_65
7
IO
G34
A21
MCU_I2C0_SDA
PADCFG:
WKUP_PADCONFIG_67
0x4301C10C
MCU_I2C0_SDA
0
IOD
1.8 V/3.3 V
Off / Off / Off
On / SS / Off
0
VDDSHV0_
MCU
Yes
I2C OPEN
DRAIN
Yes
WKUP_GPIO0_87
7
IO
F38
C18
MCU_MCAN0_RX
PADCFG:
WKUP_PADCONFIG_47
0x4301C0BC
MCU_MCAN0_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
WKUP_GPIO0_61
7
IO
K33
E22
MCU_MCAN0_TX
PADCFG:
WKUP_PADCONFIG_46
0x4301C0B8
MCU_MCAN0_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
WKUP_GPIO0_60
7
IO
A36
E12
MCU_MDIO0_MDC
PADCFG:
WKUP_PADCONFIG_39
0x4301C09C
MCU_MDIO0_MDC
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
WKUP_GPIO0_53
7
IO
B35
F13
MCU_MDIO0_MDIO
PADCFG:
WKUP_PADCONFIG_38
0x4301C098
MCU_MDIO0_MDIO
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
WKUP_GPIO0_52
7
IO
E32
D8
MCU_OSPI0_CLK
PADCFG:
WKUP_PADCONFIG_0
0x4301C000
MCU_OSPI0_CLK
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_CK
1
O
WKUP_GPIO0_16
7
IO
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com