Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 89 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM69 Datasheet HTML 85Page - Texas Instruments AM69 Datasheet HTML 86Page - Texas Instruments AM69 Datasheet HTML 87Page - Texas Instruments AM69 Datasheet HTML 88Page - Texas Instruments AM69 Datasheet HTML 89Page - Texas Instruments AM69 Datasheet HTML 90Page - Texas Instruments AM69 Datasheet HTML 91Page - Texas Instruments AM69 Datasheet HTML 92Page - Texas Instruments AM69 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
M38
B21
WKUP_GPIO0_11
PADCFG:
WKUP_PADCONFIG_59
0x4301C0EC
MCU_OBSCLK0
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_OBSCLK0
1
O
MCU_UART0_RXD
2
I
MCU_ADC_EXT_TRIGGER1
3
I
MCU_TIMER_IO1
4
IO
MCU_I3C0_SDAPULLEN
5
OD
MCU_CLKOUT0
6
OZ
WKUP_GPIO0_11
7
IO
J37
D17
WKUP_GPIO0_12
PADCFG:
WKUP_PADCONFIG_60
0x4301C0F0
MCU_UART0_TXD
0
O
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_SPI0_CS1
1
IO
WKUP_GPIO0_12
7
IO
MCU_BOOTMODE08
BOOTS
TRAP
I
K38
D21
WKUP_GPIO0_13
PADCFG:
WKUP_PADCONFIG_61
0x4301C0F4
MCU_UART0_RXD
0
I
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_SPI1_CS1
1
IO
WKUP_GPIO0_13
7
IO
MCU_BOOTMODE09
BOOTS
TRAP
I
H37
D15
WKUP_GPIO0_14
PADCFG:
WKUP_PADCONFIG_62
0x4301C0F8
MCU_UART0_CTSn
0
I
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_SPI0_CS2
1
IO
MCU_TIMER_IO8
4
IO
WKUP_GPIO0_14
7
IO
MCU_BOOTMODE06
BOOTS
TRAP
I
K37
C16
WKUP_GPIO0_15
PADCFG:
WKUP_PADCONFIG_63
0x4301C0FC
MCU_UART0_RTSn
0
O
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_SPI1_CS2
1
IO
MCU_TIMER_IO9
4
IO
WKUP_GPIO0_15
7
IO
MCU_BOOTMODE07
BOOTS
TRAP
I
M33
A20
WKUP_GPIO0_49
PADCFG:
WKUP_PADCONFIG_100
0x4301C190
PMIC_WAKE1n
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
No
MCU_EXT_REFCLK0
1
I
MCU_CPTS0_RFT_CLK
2
I
WKUP_GPIO0_49
7
IO
M37
A19
WKUP_GPIO0_56
PADCFG:
WKUP_PADCONFIG_72
0x4301C120
MCU_TIMER_IO6
4
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
No
WKUP_GPIO0_56
7
IO
BOOTMODE04
BOOTS
TRAP
I
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com