Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 172 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 172 Page - Texas Instruments

Back Button AM69 Datasheet HTML 168Page - Texas Instruments AM69 Datasheet HTML 169Page - Texas Instruments AM69 Datasheet HTML 170Page - Texas Instruments AM69 Datasheet HTML 171Page - Texas Instruments AM69 Datasheet HTML 172Page - Texas Instruments AM69 Datasheet HTML 173Page - Texas Instruments AM69 Datasheet HTML 174Page - Texas Instruments AM69 Datasheet HTML 175Page - Texas Instruments AM69 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 312 page
background image
6.10.3 System Timing
For more details about features and additional description information on the subsystem multiplexing signals,
see the corresponding sections within Signal Descriptions and Detailed Description.
Table 6-5. System Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
2
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
3
30
pF
6.10.3.1 Reset Timing
The tables and figures provided in this section define the timing requirements and switching characteristics for
reset related signals.
Table 6-6. MCU_PORz Timing Requirements
see Figure 6-10
NO.
MIN
TYP
MAX UNIT
RST1
th(MCUD_SUPPLIES_VALID - MCU_PORz)
Hold time, MCU_PORz active (low) at Power-
up after all MCU DOMAIN supplies valid (using
external crystal)
N +
1200(2)
9500000
ns
RST2
Hold time, MCU_PORz active (low) at Power-
up after all MCU DOMAIN supplies(1) valid and
external clock stable (using external LVCMOS
oscillator)
1200
ns
RST3 tw(MCU_PORzL)
Pulse Width minimum, MCU_PORz low after
Power-up (without removal of Power or system
reference clock MCU_OSC0_XI/XO)
1200
ns
(1)
For the definition of the MCU DOMAIN supplies, see the Section 6.10.2.2, Combined MCU and Main Domains Poewr-Up Sequencing.
(2)
N = oscillator start-up time
MCU_PORz
RST1
RST3
MCU_OSC0_XI,
MCU_OSC0_XO
RST2
MCU DOMAIN
SUPPLIES VALID
Figure 6-10. MCU_PORz Timing Requirements
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
172
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com