Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 255 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 255 Page - Texas Instruments

Back Button AM69 Datasheet HTML 251Page - Texas Instruments AM69 Datasheet HTML 252Page - Texas Instruments AM69 Datasheet HTML 253Page - Texas Instruments AM69 Datasheet HTML 254Page - Texas Instruments AM69 Datasheet HTML 255Page - Texas Instruments AM69 Datasheet HTML 256Page - Texas Instruments AM69 Datasheet HTML 257Page - Texas Instruments AM69 Datasheet HTML 258Page - Texas Instruments AM69 Datasheet HTML 259Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 312 page
background image
6.10.5.17.2.3 UHS–I SDR12 Mode
Table 6-73, Figure 6-89, Table 6-74, and Figure 6-90 present timing requirements and switching characteristics
for MMC1/2 – UHS-I SDR12 Mode.
Table 6-73. MMC1/2 Timing Requirements – UHS-I SDR12 Mode
see Figure 6-89
NO.
MIN
MAX
UNIT
SDR121
tsu(cmdV-clkH)
Setup time, MMC[x]_CMD valid before MMC[x]_CLK rising edge
5.46
ns
SDR122
th(clkH-cmdV)
Hold time, MMC[x]_CMD valid after MMC[x]_CLK rising edge
1.67
ns
SDR123
tsu(dV-clkH)
Setup time, MMC[x]_DAT[3:0] valid before MMC[x]_CLK rising edge
5.46
ns
SDR124
th(clkH-dV)
Hold time, MMC[x]_DAT[3:0] valid after MMC[x]_CLK rising edge
1.67
ns
A.
x = 1, 2 for MMC1 and MMC2
B.
x = 1, 2 for MMC1 and MMC2
MMC[ ]_CMD
x
MMC
DAT
[ ]_
[3:0]
x
SDR121
SDR122
SDR123
SDR124
MMC[ ]_CLK
x
Figure 6-89. MMC1/2 – UHS-I SDR12 – Receive Mode
Table 6-74. MMC1/2 Switching Characteristics – UHS-I SDR12 Mode
see Figure 6-90
NO.
PARAMETER
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC[x]_CLK
25
MHz
SDR125
tc(clk)
Cycle time, MMC[x]_CLK
40
ns
SDR126
tw(clkH)
Pulse duration, MMC[x]_CLK high
18.7
ns
SDR127
tw(clkL)
Pulse duration, MMC[x]_CLK low
18.7
ns
SDR128
td(clkH-cmdV)
Delay time, MMC[x]_CLK rising edge to MMC[x]_CMD transition
1.2
13.55
ns
SDR129
td(clkH-dV)
Delay time, MMC[x]_CLK rising edge to MMC[x]_DAT[3:0] transition
1.2
13.55
ns
MMC[ ]_CLK
x
MMC
CMD
[ ]_
x
MMC
DAT
[ ]_
[3:0]
x
SDR125
SDR127
SDR126
SDR128
SDR129
SDR128
SDR129
Figure 6-90. MMC1/2 – UHS-I SDR12 – Transmit Mode
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
255
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com