Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 105 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 101Page - Texas Instruments TDA4VM21 Datasheet HTML 102Page - Texas Instruments TDA4VM21 Datasheet HTML 103Page - Texas Instruments TDA4VM21 Datasheet HTML 104Page - Texas Instruments TDA4VM21 Datasheet HTML 105Page - Texas Instruments TDA4VM21 Datasheet HTML 106Page - Texas Instruments TDA4VM21 Datasheet HTML 107Page - Texas Instruments TDA4VM21 Datasheet HTML 108Page - Texas Instruments TDA4VM21 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 331 page
background image
Table 5-81. SERDES3 Signal Descriptions (continued)
SIGNAL NAME [1] (2)
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
PCIE_REFCLK3N
PCIE Reference Clock Input/Output (negative)
IO
AE9
PCIE_REFCLK3P
PCIE Reference Clock Input/Output (positive)
IO
AD10
SERDES3_REXT
(1)
External Calibration Resistor
A
AE8
SERDES3_RX0_N
SERDES Differential Receive Data (negative)
I
AH9
SERDES3_RX0_P
SERDES Differential Receive Data (positive)
I
AJ8
SERDES3_RX1_N
SERDES Differential Receive Data (negative)
I
AH10
SERDES3_RX1_P
SERDES Differential Receive Data (positive)
I
AJ9
SERDES3_TX0_N
SERDES Differential Transmit Data (negative)
O
AF9
SERDES3_TX0_P
SERDES Differential Transmit Data (positive)
O
AG8
SERDES3_TX1_N
SERDES Differential Transmit Data (negative)
O
AF10
SERDES3_TX1_P
SERDES Differential Transmit Data (positive)
O
AG9
(1)
The external 3.01 kΩ ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
(2)
The functionality of these pins is controlled by SERDES3_LN[1:0]_CTRL LANE_FUNC_SEL.
Table 5-82. SERDES4 Signal Descriptions
SIGNAL NAME [1] (2)
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SERDES4_REFCLK_N
SERDES Reference Differential Clock (negative)
IO
E7
SERDES4_REFCLK_P
SERDES Reference Differential Clock (positive)
IO
E8
SERDES4_REXT
(1)
External Calibration Resistor
A
F9
SERDES4_RX0_N
SERDES Differential Receive Data (negative)
I
D9
SERDES4_RX0_P
SERDES Differential Receive Data (positive)
I
C10
SERDES4_RX1_N
SERDES Differential Receive Data (negative)
I
D8
SERDES4_RX1_P
SERDES Differential Receive Data (positive)
I
C9
SERDES4_RX2_N
SERDES Differential Receive Data (negative)
I
D6
SERDES4_RX2_P
SERDES Differential Receive Data (positive)
I
C7
SERDES4_RX3_N
SERDES Differential Receive Data (negative)
I
D5
SERDES4_RX3_P
SERDES Differential Receive Data (positive)
I
C6
SERDES4_TX0_N
SERDES Differential Transmit Data (negative)
O
B11
SERDES4_TX0_P
SERDES Differential Transmit Data (positive)
O
A12
SERDES4_TX1_N
SERDES Differential Transmit Data (negative)
O
B10
SERDES4_TX1_P
SERDES Differential Transmit Data (positive)
O
A11
SERDES4_TX2_N
SERDES Differential Transmit Data (negative)
O
B8
SERDES4_TX2_P
SERDES Differential Transmit Data (positive)
O
A9
SERDES4_TX3_N
SERDES Differential Transmit Data (negative)
O
B7
SERDES4_TX3_P
SERDES Differential Transmit Data (positive)
O
A8
(1)
The external 3.01 kΩ ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
(2)
The functionality of these pins is controlled by SERDES4_LN[4:0]_CTRL LANE_FUNC_SEL.
5.3.17 OSPI
5.3.17.1 MCU Domain
Table 5-83. OSPI0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_OSPI0_CLK
OSPI Clock
O
E20
MCU_OSPI0_DQS
OSPI Data Strobe (DQS) or Loopback Clock Input
I
D21
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
105
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com