| Electronic Components Datasheet Search |
|
TDA4VM21 Datasheet(PDF) 106 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 Datasheet(HTML) 106 Page - Texas Instruments |
|
106 / 331 page ![]() Table 5-83. OSPI0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_OSPI0_ECC_FAIL (1) OSPI ECC Status I B23 MCU_OSPI0_LBCLKO OSPI Loopback Clock Output IO C21 MCU_OSPI0_CSn0 OSPI Chip Select 0 (active low) O F19 MCU_OSPI0_CSn1 OSPI Chip Select 1 (active low) O E19 MCU_OSPI0_CSn2 OSPI Chip Select 2 (active low) O A23 MCU_OSPI0_CSn3 OSPI Chip Select 3 (active low) O B23 MCU_OSPI0_D0 OSPI Data 0 IO D20 MCU_OSPI0_D1 OSPI Data 1 IO G19 MCU_OSPI0_D2 OSPI Data 2 IO G20 MCU_OSPI0_D3 OSPI Data 3 IO F20 MCU_OSPI0_D4 OSPI Data 4 IO F21 MCU_OSPI0_D5 OSPI Data 5 IO E21 MCU_OSPI0_D6 OSPI Data 6 IO B22 MCU_OSPI0_D7 OSPI Data 7 IO G21 MCU_OSPI0_RESET_OUT0 OSPI Reset O A23 MCU_OSPI0_RESET_OUT1 OSPI Reset O E22 (1) An external pull-up resistor to corresponting power supply is recommended on this signal. Table 5-84. OSPI1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_OSPI1_CLK OSPI Clock O F22 MCU_OSPI1_DQS OSPI Data Strobe (DQS) or Loopback Clock Input I B23 MCU_OSPI1_LBCLKO OSPI Loopback Clock Output IO A23 MCU_OSPI1_CSn0 OSPI Chip Select 0 (active low) O C22 MCU_OSPI1_CSn1 OSPI Chip Select 1 (active low) O E22 MCU_OSPI1_D0 OSPI Data 0 IO D22 MCU_OSPI1_D1 OSPI Data 1 IO G22 MCU_OSPI1_D2 OSPI Data 2 IO D23 MCU_OSPI1_D3 OSPI Data 3 IO C23 5.3.18 Hyperbus 5.3.18.1 MCU Domain Table 5-85. HYPERBUS0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_HYPERBUS0_CK Hyperbus Differential Clock (positive) O E20 MCU_HYPERBUS0_CKn Hyperbus Differential Clock (negative) O C21 MCU_HYPERBUS0_INTn Hyperbus Interrupt (active low) I B23 MCU_HYPERBUS0_RESETn Hyperbus Reset (active low) Output O E19 MCU_HYPERBUS0_RESETOn Hyperbus Reset Status Indicator (active low) from Hyperbus Memory I A23 MCU_HYPERBUS0_RWDS Hyperbus Read-Write Data Strobe IO D21 MCU_HYPERBUS0_WPn Hyperbus Write Protect (not in use) O E22 MCU_HYPERBUS0_CSn0 Hyperbus Chip Select 0 O F19 MCU_HYPERBUS0_CSn1 Hyperbus Chip Select 1 O E22 TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 www.ti.com 106 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |