Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 176 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 176 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 172Page - Texas Instruments TDA4VM21 Datasheet HTML 173Page - Texas Instruments TDA4VM21 Datasheet HTML 174Page - Texas Instruments TDA4VM21 Datasheet HTML 175Page - Texas Instruments TDA4VM21 Datasheet HTML 176Page - Texas Instruments TDA4VM21 Datasheet HTML 177Page - Texas Instruments TDA4VM21 Datasheet HTML 178Page - Texas Instruments TDA4VM21 Datasheet HTML 179Page - Texas Instruments TDA4VM21 Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 331 page
background image
4. VDDSHV5 supports MMC1 signaling for SD memory cards. A dual voltage (3.3V/1.8V) power rail is required
for compliant, high-speed SD card operations. If compliant highspeed SD card operation is needed, then
an independent, dual voltage (3.3V/1.8V) power source and rail are required. The start of ramp-down from
3.3V/1.8V will be same as other 3.3V domains as shown. If SD card is not needed or standard data rates
with fixed 3.3V operation is acceptable, then domain can be grouped with digital IO 3.3V power rail. If a SD
card is capable of operating with fixed 1.8V, then domain can be grouped with digital IO 1.8V power rail.
5. VDDA_3P3_USB is 3.3V analog domain used for USB 2.0 differential interface signaling. A low noise,
analog supply is recommended to provide best signal integrity for USB data eye mask compliance. The start
of ramp-down from 3.3V will be same as other 3.3V domains as shown. If USB interface is not needed or
data bit errors can be tolerated, then domain can be grouped with 3.3V digital IO power rail either directly or
through a supply filter.
6. VDDA_1P8_<phy> are 1.8V analog domains supporting multiple serial PHY interfaces. A low noise, analog
supply is recommended to provide best signal integrity, interface performance and spec compliance. If any of
these interfaces are not needed, data bit errors or non-compliant operation can be tolerated, then domains
can be grouped with digital IO 1.8V power rail either directly or through an in-line supply filter is allowed.
7. VDD_MMC0 is 1.8V digital supply supporting MMC0 signaling for eMMC interface and must ramp-down at
time stamp T1 before VDD_CORE starts ramp-down. Any MCU or Main dual voltage IO operating at 1.8V
can be grouped with VDD_MMC0 into a common power rail with power down time stamp T1. If MMC0 or
eMMC0 interface is not needed, then domain can be grouped with digital IO 1.8V power rail and ramp-down
at time stamp T3.
8. VDD_MCU is a digital voltage supply with a wide operational voltage range and power sequencing flexibility,
enabling it to be grouped and ramped-down with either 0.8V VDD_CORE at time stamp T2 or 0.85V RAM
array domains (VDDAR_xxx) at time stamp T1.
9. VDDA_1P8_<clk/pll/ana> are 1.8V analog domains supporting clock oscillator, PLL and analog circuitry
needing a low noise supply for optimal performance. It is not recommended to combine analog
VDDA_1P8_<phy> domains or digital VDDSHVn_MCU and VDDSHVn IO domains since high frequency
switching noise could negatively impact jitter performance of clock, PLL and DLL signals.
10. MCU_PORz and PORz must be asserted low for TΔ1 = 200us min to ensure SoC resources enter into safe
state before any voltage begins to ramp down.
6.9.2.4 Isolated MCU and Main Domains Power- Up Sequencing
Isolated MCU and Main voltage domains enable an SoC’s MCU and Main processor sub-systems to operate
independently. There are 2 reasons an SoC’s PDN design may need to support independent MCU and Main
processor functionality. First is to provide flexibility to enable SoC low power modes that can significant reduce
SoC power dissipation when processor operations are not needed. Second is to enable robustness to gain
freedom from interference (FFI) of a single fault impacting both MCU and Main processor sub-systems which
is especially beneficial if using the SoC’s MCU as the system safety monitoring processor. The number of
additional PDN power rails needed is dependent upon number of different MCU IO signaling voltage levels.
If only 1.8V IO signaling is used, the only 2 additional power rails could be required. If both 1.8 and 3.3V IO
signaling is desired, then 4 additional power rails could be needed. Table 8-2 in Section 8.1, Power Supply
Mapping captures recommended device power supplies to power rail mapping summary.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
176
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com