Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 204 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 204 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 200Page - Texas Instruments TDA4VM21 Datasheet HTML 201Page - Texas Instruments TDA4VM21 Datasheet HTML 202Page - Texas Instruments TDA4VM21 Datasheet HTML 203Page - Texas Instruments TDA4VM21 Datasheet HTML 204Page - Texas Instruments TDA4VM21 Datasheet HTML 205Page - Texas Instruments TDA4VM21 Datasheet HTML 206Page - Texas Instruments TDA4VM21 Datasheet HTML 207Page - Texas Instruments TDA4VM21 Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 331 page
background image
Device
WKUP_LFOSC0_XO
WKUP_LFOSC0_XI
C
f1
Crystal
Rd
C
f2
(Optional)
J7ES_LF_OSC_INT_12
Rbias
(Optional)
PCB Ground
Figure 6-34. WKUP_LFOSC0 Crystal Implementation
Table 6-33 presents LFXOSC modes of operation.
Table 6-33. LFXOSC Modes of Operation
MODE
BP_C
PD_C
XI
XO
CLK_O
UT
DESCRIPTION
ACTIVE
0
0
XTAL
XTAL
CLK_OU
T
Active oscillator mode providing 32kHz
PWRDN
0
1
X
PD
LOW
Output will be pulled down to LOW. PAD to be tri-stated. Active mode disabled
BYPASS
1
0
CLK
PD
CLK
XI is driven by external clock source. XO is pulled down to LOW. Due to ESD
diode to supply, XI should not be driven unless oscillator supply is present.
Note
User should set CTRLMMR_WKUP_LFXOSC_TRIM[18:16] i_mult = 3b’001 for CL in the range 6pf to
9.5pf. CTRLMMR_WKUP_LFXOSC_TRIM [18:16] i_mult = 3b’010 for CL in the range 8.5pf to 12pf.
Default setting is 3b’010.
Note
The load capacitors, Cf1 and Cf2 in Figure 6-35, should be chosen such that the below equation is
satisfied. CL in the equation is the load specified by the crystal manufacturer. All discrete components
used to implement the oscillator circuit should be placed as close as possible to the associated
oscillator WKUP_LFOSC0_XI, WKUP_LFOSC0_XO, and VSS pins.
CL=
C C
f1
2
f
(C +C )
f1
f2
J7ES_CL_MATH_03
Figure 6-35. Load Capacitance Equation
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
204
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com