Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 207 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 207 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 203Page - Texas Instruments TDA4VM21 Datasheet HTML 204Page - Texas Instruments TDA4VM21 Datasheet HTML 205Page - Texas Instruments TDA4VM21 Datasheet HTML 206Page - Texas Instruments TDA4VM21 Datasheet HTML 207Page - Texas Instruments TDA4VM21 Datasheet HTML 208Page - Texas Instruments TDA4VM21 Datasheet HTML 209Page - Texas Instruments TDA4VM21 Datasheet HTML 210Page - Texas Instruments TDA4VM21 Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 331 page
background image
6.9.4.3 PLLs
Power is supplied to the Phase-Locked Loop circuitries (PLLs) by internal regulators that derive power from the
off-chip power-supply.
There are total of three PLLs in the device in WKUP and MCU domains:
• MCU_PLL0 (MCU R5FSS PLL) with WKUP_PLLCTRL0
• MCU_PLL1 (MCU PERIPHERAL PLL)
• MCU_PLL2 (MCU CPSW PLL)
There are total of twenty PLLs in the device in MAIN domain:
• PLL0 (MAIN PLL) with PLLCTRL0
• PLL1 (PER0 PLL)
• PLL2 (PER1 PLL)
• PLL3 (CPSW9G PLL)
• PLL4 (AUDIO0 PLL)
• PLL5 (VIDEO PLL)
• PLL6 (GPU PLL)
• PLL7 (C7x PLL)
• PLL8 (ARM0 PLL)
• PLL12 (DDR PLL)
• PLL13 (C66 PLL)
• PLL14 (R5F PLL)
• PLL15 (AUDIO1 PLL)
• PLL16 (DSS PLL0)
• PLL17 (DSS PLL1)
• PLL18 (DSS PLL2)
• PLL19 (DSS PLL3)
• PLL23 (DSS PLL7)
• PLL24 (MLB PLL)
• PLL25 (VISION PLL)
Note
For more information, see:
• Device Configuration / Clocking / PLLs section in the device TRM.
• Peripherals / Display Subsystem Overview section in the device TRM.
Note
The input reference clock (OSC1_XI/OSC1_XO) is specified and the lock time is ensured by the PLL
controller, as documented in the Device Configuration chapter in the device TRM.
6.9.4.4 Module and Peripheral Clocks Frequencies
Section 6.9.5, Peripherals section documents the maximum frequency associated with the peripheral clocks of
the device.
For more details on the clocking structure of each module, reference Device Configurations chapter in the device
TRM.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
207
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com