Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 210 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 210 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 206Page - Texas Instruments TDA4VM21 Datasheet HTML 207Page - Texas Instruments TDA4VM21 Datasheet HTML 208Page - Texas Instruments TDA4VM21 Datasheet HTML 209Page - Texas Instruments TDA4VM21 Datasheet HTML 210Page - Texas Instruments TDA4VM21 Datasheet HTML 211Page - Texas Instruments TDA4VM21 Datasheet HTML 212Page - Texas Instruments TDA4VM21 Datasheet HTML 213Page - Texas Instruments TDA4VM21 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 331 page
background image
6.9.5.2 VPFE
Table 6-37 represents VPFE timnig conditions.
Table 6-37. VPFE Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1.3
2.64
V/ns
PCB CONNECTIVITY REQUIREMENTS
td(Trace Mismatch Delay)
Propagation delay mismatch across
all traces
50
ps
Table 6-38, Figure 6-39, and Figure 6-40 represent timing requirements for VPFE0.
Table 6-38. Timing Requirements for VPFE0
NO.(1)
MIN
MAX
UNIT
V1
tc(pclk)
Cycle time, VPFE0_PCLK
6.06(1)
ns
V2
tw(pclkH)
Pulse duration, VPFE0_PCLK high
0.45 × P(2)
ns
V3
tw(pclkL)
Pulse duration, VPFE0_PCLK low
0.45 × P(2)
ns
V4
tsu(ctrlV-pclkV)
Setup time, control signals (VPFE0_HD, VPFE0_VD,
VPFE0_WEN, VPFE0_FIELD) valid before VPFE0_PCLK
transition
2.12
ns
V5
tsu(dataV-pclkV)
Setup time, VPFE0_DATA[15:0] valid before VPFE0_PCLK
transition
2.38
ns
V6
th(pclkV-ctrlV/dataV)
Hold time, control signals (VPFE0_HD, VPFE0_VD, VPFE0_WEN,
VPFE0_FIELD) and VPFE0_DATA[15:0] valid after VPFE0_PCLK
transition
-0.05
ns
(1)
For maximum frequency of 165 MHz.
(2)
P = VPFE0_PCLK period.
VPFE0_TIMING_01
VPFE0_PCLK
V2
V1
V3
Figure 6-39. VPFE0 Clock Signal Requirement
VPFE0_PCLK
(Negative-edge clocking)
VPFE0_HD, VPFE0_VD,
VPFE0_WEN, VPFE0_FIELD
V4
V6
VPFE0_PCLK
(Positive-edge clocking)
VPFE0_TIMING_02
V5
V6
VPFE0_DATA[15:0]
Figure 6-40. VPFE0 Timing Requirements
For more information, see Video Processing Front End (VPFE) section in Peripherals chapter in the device TRM.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
210
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com