Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 24 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 24 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 20Page - Microchip Technology EMC1412 Datasheet HTML 21Page - Microchip Technology EMC1412 Datasheet HTML 22Page - Microchip Technology EMC1412 Datasheet HTML 23Page - Microchip Technology EMC1412 Datasheet HTML 24Page - Microchip Technology EMC1412 Datasheet HTML 25Page - Microchip Technology EMC1412 Datasheet HTML 26Page - Microchip Technology EMC1412 Datasheet HTML 27Page - Microchip Technology EMC1412 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
EMC1412
DS20005273B-page 24
 2014-2022 Microchip Technology Inc. and its subsidiaries
6.7
Scratchpad Registers
The Scratchpad Registers are Read/Write registers
that are used for place holders to be software compat-
ible with legacy programs. Reading from the registers
will return what is written to them.
TABLE 6-3:
TEMPERATURE LIMIT REGISTERS
Addr. R/W
Register Name
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Default
05h
R/W
Internal Diode High Limit
128
64
32
16
8421
55h
(+85°C)
0Bh
06h
R/W
Internal Diode Low Limit
128
64
32
16
8421
00h
(0°C)
0Ch
07h
R/W External Diode High Limit High
Byte
128
64
32
16
8421
55h
(+85°C)
0Dh
13h
R/W
External Diode High Limit Low
Byte
0.5
0.25 0.125
————
—
00h
08h
R/W
External Diode Low Limit High
Byte
128
64
32
16
8421
00h
(0°C)
0Eh
14h
R/W
External Diode Low Limit Low
Byte
0.5
0.25 0.125
————
—
00h
TABLE 6-4:
SCRATCHPAD REGISTERS
Addr.
R/W
Register
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Default
11h
R/W
Scratchpad
7
654
321
0
00h
12h
R/W
Scratchpad
7
6
5
4
3
2
1
0
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com