Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 11 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 11 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 7Page - Microchip Technology EMC1412 Datasheet HTML 8Page - Microchip Technology EMC1412 Datasheet HTML 9Page - Microchip Technology EMC1412 Datasheet HTML 10Page - Microchip Technology EMC1412 Datasheet HTML 11Page - Microchip Technology EMC1412 Datasheet HTML 12Page - Microchip Technology EMC1412 Datasheet HTML 13Page - Microchip Technology EMC1412 Datasheet HTML 14Page - Microchip Technology EMC1412 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
 2014-2022 Microchip Technology Inc. and its subsidiaries
DS20005273B-page 11
EMC1412
4.4
Temperature Measurement
The EMC1412 can monitor the temperature of one
externally connected diode. The external diode chan-
nel is configured with Resistance Error Correction and
Beta Compensation based on user settings and system
requirements.
The device contains programmable High, Low, and
Therm limits for all measured temperature channels. If
the measured temperature goes below the Low limit or
above the High limit, the ALERT pin can be asserted
(based on user settings). If the measured temperature
meets or exceeds the Therm Limit, the THERM pin is
asserted unconditionally, providing two tiers of tem-
perature detection.
4.4.1
BETA COMPENSATION
The EMC1412 is configured to monitor the temperature
of basic diodes (e.g., 2N3904) or CPU thermal diodes.
It automatically detects the type of external diode (CPU
diode or diode connected transistor) and determines
the optimal setting to reduce temperature errors intro-
duced by beta variation. Compensating for this error is
also known as implementing the transistor or BJT
model for temperature measurement.
For discrete transistors configured with the collector
and base shorted together, the beta is generally suffi-
ciently high such that the percent change in beta varia-
tion is very small. For example, a 10% variation in beta
for two forced emitter currents with a transistor whose
ideal beta is 50 would contribute approximately 0.25°C
error at 100°C. However for substrate transistors where
the base-emitter junction is used for temperature mea-
surement and the collector is tied to the substrate, the
proportional beta variation will cause large error. For
example, a 10% variation in beta for two forced emitter
currents with a transistor whose ideal beta is 0.5 would
contribute approximately 8.25°C error at 100°C.
4.4.2
RESISTANCE ERROR
CORRECTION (REC)
Parasitic resistance in series with the external diodes
will limit the accuracy obtainable from temperature
measurement devices. The voltage developed across
this resistance by the switching diode currents cause
the temperature measurement to read higher than the
true temperature. Contributors to series resistance are
PCB trace resistance, on die (i.e. on the processor)
metal resistance, bulk resistance in the base and emit-
ter of the temperature transistor. Typically, the error
caused by series resistance is +0.7°C per ohm. The
EMC1412 automatically corrects up to 100 ohms of
series resistance.
4.4.3
PROGRAMMABLE EXTERNAL
DIODE IDEALITY FACTOR
The EMC1412 is designed for external diodes with an
ideality factor of 1.008. Not all external diodes, proces-
sor or discrete, will have this exact value. This variation
of the ideality factor introduces error in the temperature
measurement which must be corrected for. This correc-
tion is typically done using programmable offset regis-
ters. Since an ideality factor mismatch introduces an
error that is a function of temperature, this correction is
only accurate within a small range of temperatures. To
provide maximum flexibility to the user, the EMC1412
provides a 6-bit register for each external diode where
the ideality factor of the diode used is programmed to
eliminate errors across all temperatures.
4.5
Diode Faults
The EMC1412 detects an open on the DP and DN pins,
and a short across the DP and DN pins. For each tem-
perature measurement made, the device checks for a
diode fault on the external diode channel(s). When a
diode fault is detected, the ALERT pin asserts (unless
masked, see Section 6.11 “Consecutive ALERT
Register” and the temperature data reads 00h in the
MSB and LSB registers (note: the low limit will not be
checked). A diode fault is defined as one of the follow-
ing: an open between DP and DN, a short from VDD to
DP, or a short from VDD to DN.
If a short occurs across DP and DN or a short occurs
from DP to GND, the low limit status bit is set and the
ALERT pin asserts (unless masked). This condition is
indistinguishable from a temperature measurement of
0.000°C (-64°C in extended range) resulting in tem-
perature data of 00h in the MSB and LSB registers.
If a short from DN to GND occurs (with a diode con-
nected), temperature measurements will continue as
normal, with no alerts.
4.6
Consecutive Alerts
The EMC1412 contain multiple consecutive alert
counters. One set of counters applies to the ALERT pin
and the second set of counters applies to the THERM
pin. Each temperature measurement channel has a
separate consecutive alert counter for each of the
ALERT and THERM pins. All counters are user pro-
grammable and determine the number of consecutive
measurements that a temperature channel(s) must be
out-of-limit or reporting a diode fault before the corre-
sponding pin is asserted.
Note:
When monitoring a substrate transistor or
CPU diode and beta compensation is
enabled, the Ideality Factor should not be
adjusted. Beta Compensation automati-
cally corrects for most ideality errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com