Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 29 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 29 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 25Page - Microchip Technology EMC1412 Datasheet HTML 26Page - Microchip Technology EMC1412 Datasheet HTML 27Page - Microchip Technology EMC1412 Datasheet HTML 28Page - Microchip Technology EMC1412 Datasheet HTML 29Page - Microchip Technology EMC1412 Datasheet HTML 30Page - Microchip Technology EMC1412 Datasheet HTML 31Page - Microchip Technology EMC1412 Datasheet HTML 32Page - Microchip Technology EMC1412 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
 2014-2022 Microchip Technology Inc. and its subsidiaries
DS20005273B-page 29
EMC1412
6.13
External Diode Ideality Factor
Register
This register stores the ideality factors that are applied
to the external diodes. Table 6-6 defines each setting
and the corresponding ideality factor. Beta Compensa-
tion and Resistance Error Correction automatically cor-
rect for most diode ideality errors; therefore, it is not
recommended that these settings be updated without
consulting Microchip.
REGISTER 6-8:
EXTERNAL DIODE IDEALITY FACTOR REGISTER (ADDRESS 27H)
U-0
U-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
—
—
IDEALITY[5:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented bits always read as ‘0’.
bit 5-0
IDEALITY[5:0]: These bits set the ideality factor for the External Diode channel.
Table 6-6 shows the ideality factor configuration using the diode model for temperature measurement.
Table 6-7 shows the ideality factor configuration under the BJT transistor model.
TABLE 6-6:
IDEALITY FACTOR LOOK-UP TABLE (DIODE MODEL)
Setting
Factor
Setting
Factor
Setting
Factor
08h
0.9949
18h
1.0159
28h
1.0371
09h
0.9962
19h
1.0172
29h
1.0384
0Ah
0.9975
1Ah
1.0185
2Ah
1.0397
0Bh
0.9988
1Bh
1.0200
2Bh
1.0410
0Ch
1.0001
1Ch
1.0212
2Ch
1.0423
0Dh
1.0014
1Dh
1.0226
2Dh
1.0436
0Eh
1.0027
1Eh
1.0239
2Eh
1.0449
0Fh
1.0040
1Fh
1.0253
2Fh
1.0462
10h
1.0053
20h
1.0267
30h
1.0475
11h
1.0066
21h
1.0280
31h
1.0488
12h (default)
1.0080
22h
1.0293
32h
1.0501
13h
1.0093
23h
1.0306
33h
1.0514
14h
1.0106
24h
1.0319
34h
1.0527
15h
1.0119
25h
1.0332
35h
1.0540
16h
1.0133
26h
1.0345
36h
1.0553
17h
1.0146
27h
1.0358
37h
1.0566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com