Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 16 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 16 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 12Page - Microchip Technology EMC1412 Datasheet HTML 13Page - Microchip Technology EMC1412 Datasheet HTML 14Page - Microchip Technology EMC1412 Datasheet HTML 15Page - Microchip Technology EMC1412 Datasheet HTML 16Page - Microchip Technology EMC1412 Datasheet HTML 17Page - Microchip Technology EMC1412 Datasheet HTML 18Page - Microchip Technology EMC1412 Datasheet HTML 19Page - Microchip Technology EMC1412 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
EMC1412
DS20005273B-page 16
 2014-2022 Microchip Technology Inc. and its subsidiaries
FIGURE 5-2:
Isolating THERM Pin.
5.5
SMBus Data Bytes
All SMBus Data bytes are sent most significant bit first
and composed of 8-bits of information.
5.6
SMBus ACK and NACK Bits
The SMBus client will acknowledge all data bytes that
it receives. This is done by the client device pulling the
SMBus data line low after the 8th bit of each byte that
is transmitted. This applies to the Write Byte protocol.
The Host will NACK (not acknowledge) the last data
byte to be received from the client by holding the
SMBus data line high after the 8th data bit has been
sent.
5.7
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the
SMBus Data line from a logic ‘0’ state to a logic ‘1’ state
while the SMBus clock line is in a logic ‘1’ state. When
the device detects an SMBus Stop bit and it has been
communicating with the SMBus protocol, it will reset its
client interface and prepare to receive further commu-
nications.
5.8
SMBus Timeout
The EMC1412 supports SMBus Timeout. If the clock
line is held low for longer than 30 ms, the device will
reset its SMBus protocol. This function can be enabled
by setting the TIMEOUT bit in the Consecutive Alert
Register (see Section 4.6 “Consecutive Alerts”).
5.9
SMBus and I2C Compatibility
The EMC1412 is compatible with SMBus and I2C. The
major differences between SMBus and I2C devices are
highlighted here. For more information, refer to the
SMBus 2.0 and I2C specifications. For information on
using the EMC1412 in an I2C system, refer to AN 14.0
Dedicated Slave Devices in I2C Systems.
1.
EMC1412 supports I2C fast mode at 400kHz.
This covers the SMBus max time of 100kHz.
2.
Minimum frequency for SMBus communications
is 10kHz.
3.
The SMBus client protocol will reset if the clock
is held at a logic ‘0’ for longer than 30ms. This
timeout functionality is disabled by default in the
EMC1412 and can be enabled by writing to the
TIMEOUT bit. I2C does not have a timeout.
4.
I2C devices do not support the Alert Response
Address functionality (which is optional for
SMBus).
Attempting to communicate with the EMC1412 SMBus
interface with an invalid slave address or invalid proto-
col will result in no response from the device and will
not affect its register contents. Stretching of the SMCLK
signal is supported, provided other devices on the
SMBus control the timing.
5.10
SMBus Protocols
The device supports Send Byte, Read Byte, Write Byte,
Receive Byte, and the Alert Response Address as valid
protocols as shown below. All of the below protocols
use the convention in the table below.
5.10.1
WRITE BYTE
The Write Byte is used to write one byte of data to the
registers, as shown in Table 5-3.
EMC1412
8
7
6
5
SMDATA
SMCLK
1
2
3
4
ALERT
VDD
DP
DN
THERM/ADDR
GND
+3.3V
22K
4.7K – 33k
+2.5 - 5V
Shared THERM
TABLE 5-2:
PROTOCOL FORMAT
Data Sent to Device
Data Sent to the Host
# of bits sent
# of bits sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com