Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 12 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 12 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 8Page - Microchip Technology EMC1412 Datasheet HTML 9Page - Microchip Technology EMC1412 Datasheet HTML 10Page - Microchip Technology EMC1412 Datasheet HTML 11Page - Microchip Technology EMC1412 Datasheet HTML 12Page - Microchip Technology EMC1412 Datasheet HTML 13Page - Microchip Technology EMC1412 Datasheet HTML 14Page - Microchip Technology EMC1412 Datasheet HTML 15Page - Microchip Technology EMC1412 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
EMC1412
DS20005273B-page 12
 2014-2022 Microchip Technology Inc. and its subsidiaries
See Section 6.11 “Consecutive ALERT Register”
for more details on the consecutive alert function.
4.7
Digital Filter
To reduce the effect of noise and temperature spikes
on the reported temperature, the External Diode chan-
nel uses a programmable digital filter. This filter can be
configured as Level 1, Level 2, or Disabled (default)
(see Section 6.14 “Filter Control Register”). The
typical filter performance is shown in the figures below.
FIGURE 4-2:
Temperature Filter Step
Response.
FIGURE 4-3:
Temperature Filter Impulse
Response.
4.8
Temperature Measurement
Results and Data
The temperature measurement results are stored in the
internal and external temperature registers. These are
then compared with the values stored in the high and
low limit registers. Both external and internal tempera-
ture measurements are stored in 11-bit format with the
eight (8) most significant bits stored in a high byte reg-
ister and the three (3) least significant bits stored in the
three (3) MSB positions of the low byte register. All
other bits of the low byte register are set to zero.
The EMC1412 has two selectable temperature ranges.
The default range is from 0°C to +127°C and the tem-
perature is represented as binary number able to report
a temperature from 0°C to +127.875°C in 0.125°C
steps.
The extended range is an extended temperature range
from -64°C to +191°C. The data format is a binary num-
ber offset by 64°C. The extended range is used to mea-
sure temperature diodes with a large known offset
(such as AMD processor diodes) where the diode tem-
perature plus the offset would be equivalent to a tem-
perature higher than +127°C.
The table below shows the default and extended range
formats.
4.9
External Diode Connections
The EMC1412 can be configured to measure a CPU
substrate transistor, a discrete 2N3904 thermal diode,
or an AMD processor diode. The diodes can be con-
nected as indicated in Figure 4-4.
0
10
20
30
40
50
60
70
80
90
02468
10
12
14
Samples
Disable
d
Level 2
Level 1
0
10
20
30
40
50
60
70
80
90
02468
10
12
14
Samples
Disabled
Level 1
Level 2
TABLE 4-2:
TEMPERATURE DATA
FORMAT
Temperature
(°C)
Default Range
(0°C to +127°C)
Extended Range
(-64°C to +191°C)
Diode Fault
000 0000 0000 000 0000 0000
-64
000 0000 0000 000 0000 0000
(Note 2)
-1
000 0000 0000 001 1111 1000
0
000 0000 0000
(Note 1)
010 0000 0000
0.125
000 0000 0001 010 0000 0001
1
000 0000 1000 010 0000 1000
64
010 0000 0000 100 0000 0000
65
010 0000 1000 100 0000 1000
127
011 1111 1000 101 1111 1000
127.875
011 1111 1111 101 1111 1111
128
011 1111 1111
(Note 3)
110 0000 0000
190
011 1111 1111 111 1111 0000
191
011 1111 1111 111 1111 1000
≥ 191.875
011 1111 1111 111 1111 1111
(Note 4)
Note 1: For default range, all temperatures
< 0°C will be reported as 0°C.
2: For extended range, all temperatures
< -64°C will be reported as -64°C.
3: For default range, all temperatures
> +127.875°C will be reported as
+127.875°C.
4: For extended range, all temperatures
> +191.875°C will be reported as
+191.875°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com