Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 27 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 27 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 23Page - Microchip Technology EMC1412 Datasheet HTML 24Page - Microchip Technology EMC1412 Datasheet HTML 25Page - Microchip Technology EMC1412 Datasheet HTML 26Page - Microchip Technology EMC1412 Datasheet HTML 27Page - Microchip Technology EMC1412 Datasheet HTML 28Page - Microchip Technology EMC1412 Datasheet HTML 29Page - Microchip Technology EMC1412 Datasheet HTML 30Page - Microchip Technology EMC1412 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
 2014-2022 Microchip Technology Inc. and its subsidiaries
DS20005273B-page 27
EMC1412
REGISTER 6-6:
CONSECUTIVE ALERT REGISTER (ADDRESS 22H)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
TIMEOUT
CTHRM[6:4]
CALRT[3:1]
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
TIMEOUT: Determines whether the SMBus Timeout function is enabled.
1 = The SMBus Timeout feature is enabled. If the SMCLK line is held low for more than 30 ms, the
device will reset the SMBus protocol.
0 = The SMBus Timeout feature is disabled. The SMCLK line can be held low indefinitely without the
device resetting its SMBus protocol. This is the default setting.
bit 6-4
CTHRM[6:4]: Determines the number of consecutive measurements that must exceed the corre-
sponding Therm Limit before the THERM pin is asserted. All temperature channels use this value to
set the respective counters. The consecutive Therm counter is incremented whenever any measure-
ment exceed the corresponding Therm Limit.
If the temperature drops below the Therm Limit, the counter is reset. If a number of consecutive mea-
surements above the Therm Limit occur, the THERM pin is asserted low.
Once the THERM pin has been asserted, the consecutive therm counter will not reset until the corre-
sponding temperature drops below the Therm Limit minus the Therm Hysteresis value.
000 = The THERM pin will be asserted after one out-of-limit measurement.
001 = The THERM pin will be asserted after two consecutive out-of-limit measurements.
011 = The THERM pin will be asserted after three consecutive out-of-limit measurements.
111 = The THERM pin will be asserted after four consecutive out-of-limit measurements. This is the
default setting.
bit 3-1
CALRT[3:1]: Determines the number of consecutive measurements that must have an out-of-limit
condition or diode fault before the ALERT pin is asserted. All temperature channels use this value to
set the respective counters.
000 = The ALERT pin will be asserted after one out-of-limit measurement or diode fault. This is the
default setting.
001 = The ALERT pin will be asserted after two consecutive out-of-limit measurements or diode faults.
011 = The ALERT pin will be asserted after three consecutive out-of-limit measurements or diode
faults.
111 = The ALERT pin will be asserted after four consecutive out-of-limit measurements or diode faults.
bit 0
Unimplemented bits always read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com