Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 34 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 34 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 30Page - Microchip Technology EMC1412 Datasheet HTML 31Page - Microchip Technology EMC1412 Datasheet HTML 32Page - Microchip Technology EMC1412 Datasheet HTML 33Page - Microchip Technology EMC1412 Datasheet HTML 34Page - Microchip Technology EMC1412 Datasheet HTML 35Page - Microchip Technology EMC1412 Datasheet HTML 36Page - Microchip Technology EMC1412 Datasheet HTML 37Page - Microchip Technology EMC1412 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
EMC1412
DS20005273B-page 34
 2014-2022 Microchip Technology Inc. and its subsidiaries
TOP VIEW
VIEW A–A
SIDE VIEW
Note:
http://www.microchip.com/packaging
For the most current package drawings, please see the Microchip Packaging Specification located at
8-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP]
Microchip Technology Drawing C04-111-MS Rev F
A
B
0.25 C
2X 4 TIPS
0.25
C A-B D
A
A
0.20 H
2X
0.20 H
12
N
SEE DETAIL B
NOTE 1
C
0.10 C
H
8X
8X b
e
D
D
2
E
2
E
E1
2
E1
A A2
A1
SEATING
PLANE
2X
Sheet 1 of 2
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com