Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 6 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 6 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 2Page - Microchip Technology EMC1412 Datasheet HTML 3Page - Microchip Technology EMC1412 Datasheet HTML 4Page - Microchip Technology EMC1412 Datasheet HTML 5Page - Microchip Technology EMC1412 Datasheet HTML 6Page - Microchip Technology EMC1412 Datasheet HTML 7Page - Microchip Technology EMC1412 Datasheet HTML 8Page - Microchip Technology EMC1412 Datasheet HTML 9Page - Microchip Technology EMC1412 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
EMC1412
DS20005273B-page 6
 2014-2022 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Temperature Error vs. Filter
Capacitor (2N3904, TA = 27°C, TDIODE = 27°C,
VDD = 3.3V).
FIGURE 2-2:
Temperature Error vs.
Ambient Temperature (2N3904, TA = 42.5°C,
VDD = 3.3V).
FIGURE 2-3:
Temperature Error vs.
External Diode Temperature (2N3904,
TDIODE = 42.5°C, VDD = 3.3V).
FIGURE 2-4:
Temperature Error vs. CPU
Temperature; Typical 65 nm CPU from Major
Vendor (TA = 27°C, VDD = 3.3V, BETA = 011,
CFILTER = 470 pF).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-1.0
-0.8
-0.5
-0.3
0.0
0.3
0.5
0.8
1.0
0
1000
2000
3000
4000
Filter Capacitor (pF)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (
°C)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
External Diode Temperature (
°C)
-1
0
1
2
3
4
5
20
40
60
80
100
120
CPU Temperature (
°C)
Beta Compensation Disabled
Beta Compensation Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com