Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 7 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 7 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 3Page - Microchip Technology EMC1412 Datasheet HTML 4Page - Microchip Technology EMC1412 Datasheet HTML 5Page - Microchip Technology EMC1412 Datasheet HTML 6Page - Microchip Technology EMC1412 Datasheet HTML 7Page - Microchip Technology EMC1412 Datasheet HTML 8Page - Microchip Technology EMC1412 Datasheet HTML 9Page - Microchip Technology EMC1412 Datasheet HTML 10Page - Microchip Technology EMC1412 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
 2014-2022 Microchip Technology Inc. and its subsidiaries
DS20005273B-page 7
EMC1412
FIGURE 2-5:
Temperature Error vs.
Series Resistance.
FIGURE 2-6:
Temperature Error vs.
Ambient Temperature (2N3904, TA = 27°C,
VDD =3.3V).
FIGURE 2-7:
Supply Current vs.
Conversion Rate.
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
Series R (
Ω)
REC Disabled
REC Enabled
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-40 -25 -10
5
203550658095 110 125
Ambient Temperature (
°C)
200
300
400
500
600
700
800
900
1000
1100
1200
1248
16
32
64
Conversion Rate
Dynamic Averaging Enabled
Dynamic Averaging Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com