Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 3 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 3 Page - Microchip Technology

  EMC1412 Datasheet HTML 1Page - Microchip Technology EMC1412 Datasheet HTML 2Page - Microchip Technology EMC1412 Datasheet HTML 3Page - Microchip Technology EMC1412 Datasheet HTML 4Page - Microchip Technology EMC1412 Datasheet HTML 5Page - Microchip Technology EMC1412 Datasheet HTML 6Page - Microchip Technology EMC1412 Datasheet HTML 7Page - Microchip Technology EMC1412 Datasheet HTML 8Page - Microchip Technology EMC1412 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
 2014-2022 Microchip Technology Inc. and its subsidiaries
DS20005273B-page 3
EMC1412
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Supply Voltage (VDD) .......................................................................................................................... -0.3V to +4.0V
Voltage on 5V tolerant pins (V5VT_PIN)................................................................................................. -0.3V to +5.5V
Voltage on 5V tolerant pins (
|V5VT_PIN - VDD|) (Note)............................................................................... 0V to +3.6V
Voltage on any other pin to Ground ......................................................................................... -0.3V to (VDD + 0.3V)
ESD Rating, All pins HBM................................................................................................................................. 2000V
Operating Temperature Range.......................................................................................................... -40°C to +125°C
Storage Temperature Range............................................................................................................ -55°C to +150°C
Lead Temperature Range .................................................................................... Refer to JEDEC Spec. J-STD-020
Note:
For the 5V tolerant pins that have a pull-up resistor (SMCLK, SMDATA, ALERT, and THERM), the pull-up
voltage must not exceed 3.6V when the device is unpowered.
Note:
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at those or any other con-
ditions above those indicated in the operation listings of this specification is not implied. Exposure above
maximum rating conditions for extended periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise specified, 3.0V
VDD  3.6V at -40C  TA  +125C, all typical values
are at TA =27C.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
—
Supply Current
IDD
—
430
850
µA
1 conversion/second,
dynamic averaging disabled
—
930
1200
µA
4 conversions/second,
dynamic averaging enabled
—
1120
—
µA
≥16 conversions/second,
dynamic averaging enabled
Standby Supply Current
IDD_OS
—
170
230
µA
Device in Standby mode, no
SMBus communications,
ALERT and THERM pins not
asserted.
Internal Temperature Monitor
Temperature Accuracy
—
—
±0.25
±1
°C
-5°C < TA < +100°C
—
±2
°C
-40°C < TA < +125°C
Temperature Resolution
—
0.125
°C
—
External Temperature Monitor
Temperature Accuracy
—
—
±0.25
±1
°C
+20°C < TDIODE < +110°C
0°C < TA < +100°C
—
±0.5
±2
°C
-40°C < TDIODE < +127°C
Temperature Resolution
—
—
0.125
—
°C
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com