Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 8 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 8 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 4Page - Microchip Technology EMC1412 Datasheet HTML 5Page - Microchip Technology EMC1412 Datasheet HTML 6Page - Microchip Technology EMC1412 Datasheet HTML 7Page - Microchip Technology EMC1412 Datasheet HTML 8Page - Microchip Technology EMC1412 Datasheet HTML 9Page - Microchip Technology EMC1412 Datasheet HTML 10Page - Microchip Technology EMC1412 Datasheet HTML 11Page - Microchip Technology EMC1412 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
EMC1412
DS20005273B-page 8
 2014-2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN FUNCTION TABLE
The descriptions of the pins are shown in the table below.
3.1
Power Pins (VDD and GND)
These pins are used to supply power to or ground the
device.
3.2
Analog Input/Output (AIO) Pins
(DP, DN)
These pins are used as inputs/outputs for analog
signals.
3.3
Digital Input (DI) Pin (SMCLK)
This pin is used as a digital input. This pin is 5V tolerant
(see Note 1).
3.4
Digital Input/Open-Drain Output
(DIOD) Pin (SMDATA)
This pin is used as a digital input/output. When used as
an output, it is open-drain and requires a pull-up
resistor. This pin is 5V tolerant (see Note 1).
3.5
Open-Drain Digital Output (OD)
Pins (THERM/ADDR, ALERT)
These pins are used as digital outputs. They are
open-drain pins and require a pull-up resistor. These
pins are 5V tolerant (see Note 1).
TABLE 3-1:
PIN FUNCTION TABLE (Note 1)
Pin Number
Pin Name
Pin Type
Description
8-Lead
MSOP
8-Lead
TDFN
11
VDD
Power
Power Supply
2
2
DP
AIO
External diode positive (anode) connection
3
3
DN
AIO
External diode negative (cathode) connection
44
THERM/ADDR
OD (5V)
THERM - Critical THERM output signal. Requires pull-up resistor.
ADDR - Selects SMBus address based on pull-up resistor
5
5
GND
Power
Ground pin
6
6
ALERT
OD (5V)
Active low digital ALERT output signal. Requires pull-up resistor.
7
7
SMDATA
DIOD (5V) SMBus Data input/output. Requires pull-up resistor.
8
8
SMCLK
DI (5V)
SMBus Clock input. Requires pull-up resistor.
—
9
EP
—
Exposed Thermal Pad. Not internally connected. Grounding is rec-
ommended.
Note 1: For the 5V tolerant pins that have a pull-up resistor (SMCLK, SMDATA, THERM and ALERT), the voltage
difference between VDD and the pull-up voltage must never exceed 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com