Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 1 Page - Microchip Technology

  EMC1412 Datasheet HTML 1Page - Microchip Technology EMC1412 Datasheet HTML 2Page - Microchip Technology EMC1412 Datasheet HTML 3Page - Microchip Technology EMC1412 Datasheet HTML 4Page - Microchip Technology EMC1412 Datasheet HTML 5Page - Microchip Technology EMC1412 Datasheet HTML 6Page - Microchip Technology EMC1412 Datasheet HTML 7Page - Microchip Technology EMC1412 Datasheet HTML 8Page - Microchip Technology EMC1412 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
 2014-2022 Microchip Technology Inc. and its subsidiaries
DS20005273B-page 1
EMC1412
Features
• Programmable SMBus Address
• Support for diodes requiring the BJT/transistor
model including advanced processor geometries
• Automatically determines external diode type and
optimal settings
• Resistance Error Correction
• External Temperature Monitor:
- ±1°C Maximum Accuracy
(+20°C < TDIODE < +110°C)
- 0.125°C resolution
- Supports up to 2.2 nF Diode Filter Capacitor
• Internal Temperature Monitor:
- ±1°C Accuracy
- 0.125°C Resolution
• 3.3V Supply Voltage
• Programmable temperature limits for ALERT and
THERM
• Available in small 8-pin 2 mm x 3 mm TDFN
RoHS compliant package
• Available in small 8-pin MSOP RoHS compliant
package
Applications
• Notebook Computers
• Desktop Computers
• Industrial
• Embedded Applications
Description
The EMC1412 is a high accuracy, low cost, System
Management Bus (SMBus) temperature sensor.
Advanced features such as Resistance Error Correc-
tion (REC), Beta Compensation (to support CPU
diodes requiring the BJT/transistor model) and auto-
matic diode type detection combine to provide a robust
solution for complex environmental monitoring applica-
tions.
The EMC1412 monitors two temperature channels
(one external and one internal). It provides ±1°C accu-
racy for both external and internal diode temperatures.
Resistance Error Correction automatically eliminates
the temperature error caused by series resistance,
allowing greater flexibility in routing thermal diodes.
Beta Compensation eliminates temperature errors
caused by low, variable beta transistors common in
today's fine geometry processors. The automatic beta
detection feature monitors the external diode/transistor
and determines the optimum sensor settings for accu-
rate temperature measurements, regardless of the pro-
cessor technology. This frees the user from providing
unique sensor configurations for each temperature
monitoring application. These advanced features plus
±1°C measurement accuracy provide a low-cost, highly
flexible and accurate solution for critical temperature
monitoring applications.
Package Type
*Includes Exposed Thermal Pad (EP); see Table 3-1.
EMC1412
2x 3 TDFN*
DN
DP
THERM/ADDR
SMDATA
ALERT
1
2
3
4
8
7
6
5 GND
SMCLK
VDD
EP
9
EMC1412
MSOP
DN
DP
THERM/ADDR
SMDATA
ALERT
1
2
3
4
8
7
6
5 GND
SMCLK
VDD
Multiple Channel 1°C Temperature Sensor with Beta Compensation


Similar Part No. - EMC1412

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC1412-1-AC3-TR SMSC-EMC1412-1-AC3-TR Datasheet
789Kb / 47P
Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412-1-AC3-TR MICROCHIP-EMC1412-1-AC3-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
More results

Similar Description - EMC1412

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1413 SMSC-EMC1413 Datasheet
897Kb / 52P
Multiple Channel 1 Temperature Sensors with Beta Compensation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com