Electronic Components Datasheet Search
  English  ▼

X  

EMC1412 Datasheet(PDF) 17 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 17 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 13Page - Microchip Technology EMC1412 Datasheet HTML 14Page - Microchip Technology EMC1412 Datasheet HTML 15Page - Microchip Technology EMC1412 Datasheet HTML 16Page - Microchip Technology EMC1412 Datasheet HTML 17Page - Microchip Technology EMC1412 Datasheet HTML 18Page - Microchip Technology EMC1412 Datasheet HTML 19Page - Microchip Technology EMC1412 Datasheet HTML 20Page - Microchip Technology EMC1412 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
EMC1412
DS20005273B-page 17
 2014-2022 Microchip Technology Inc. and its subsidiaries
5.10.2
READ BYTE
The Read Byte protocol is used to read one byte of data
from the registers as shown in the table below.
5.10.3
SEND BYTE
The Send Byte protocol is used to set the internal
address register pointer to the correct address location.
No data is transferred during the Send Byte protocol as
shown in the table below.
5.10.4
RECEIVE BYTE
The Receive Byte protocol is used to read data from a
register when the internal register address pointer is
known to be at the right location (e.g. set via Send
Byte). This is used for consecutive reads of the same
register as shown in the table below.
5.11
Alert Response Address
The ALERT output can be used as a processor inter-
rupt or as an SMBus Alert.
When it detects that the ALERT pin is asserted, the
host will send the Alert Response Address (ARA) to the
general address of 0001_100xb. All devices with active
interrupts will respond with their client address as
shown in the table below.
TABLE 5-3:
WRITE BYTE PROTOCOL
START
Slave Address
WR
ACK
Register
Address
ACK
Register
Data
ACK
STOP
1 → 0
YYYY_YYY
0
0
XXh
0
XXh
0
0 → 1
TABLE 5-4:
READ BYTE PROTOCOL
START
Slave
Address
WR ACK
Register
Address
ACK
START
Slave
Address
RD ACK
Register
Data
NACK STOP
1 → 0 YYYY_YYY
0
0
XXh
0
1 → 0
YYYY_YYY
1
0
XX
1
0 → 1
TABLE 5-5:
SEND BYTE PROTOCOL
START
Slave Address
WR
ACK
Register Address
ACK
STOP
1 → 0
YYYY_YYY
0
0
XXh
0
0 →1
TABLE 5-6:
RECEIVE BYTE PROTOCOL
START
Slave Address
RD
ACK
Register Data
NACK
STOP
1 →0
YYYY_YYY
1
0
XXh
1
0 → 1
TABLE 5-7:
ALERT RESPONSE ADDRESS PROTOCOL
START
Alert Response Address
RD
ACK
Device Address
NACK
STOP
1 → 0
0001_100
1
0
YYYY_YYY
1
0 → 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com