Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 30 Page - Analog Devices

Part # LTM4702
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 26Page - Analog Devices LTM4702 Datasheet HTML 27Page - Analog Devices LTM4702 Datasheet HTML 28Page - Analog Devices LTM4702 Datasheet HTML 29Page - Analog Devices LTM4702 Datasheet HTML 30Page - Analog Devices LTM4702 Datasheet HTML 31Page - Analog Devices LTM4702 Datasheet HTML 32Page - Analog Devices LTM4702 Datasheet HTML 33Page - Analog Devices LTM4702 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
30 of 38
Table 12. Output Voltage Response vs. Component Matrix (See Figure 37)
COUT1
VENDORS
PART NUMBER
DESCRIPTION
COUT2
VENDORS PART NUMBER
DESCRIPTION
Murata
GRM32EC70J107ME15L 100µF, 6.3V, X7S, 1210
Panasonic EEF-GX0E471L
470µF, 2.5V, 3mΩ
Taiyo Yuden
JMK325AC7107MM
100µF, 6.3V, X7S, 1210
TDK
C3225X6S0J107M250AC 100µF, 6.3V, X6S, 1210
Murata
GRM31CR60J227ME11L 220µF, 6.3V, X5R, 1206
All Ceramic Output Capacitors
VOUT
(V)
VIN
(V)
RFB
(kΩ)
fSW
(kHz)
COUT1
(CERAMIC
CAP)
COUT2
(BULK
CAP)
COMPa
(pF)
RTH ON
COMPa
(kΩ)
CTH ON
COMPa
(pF)
LOAD
STEP
(A)
PK-PK
DEVIATION
(mV)
RECOVERY
TIME
(µs)
1
5
15
600
4 × 220µF
None
Short to
COMPb
None
None
5
90
40
1
12
15
600
4 × 220µF
None
Short to
COMPb
None
None
5
100
40
1.5
5
6.65
800
4 × 220µF
None
Short to
COMPb
None
None
5
97
60
1.5
12
6.65
800
4 × 220µF
None
Short to
COMPb
None
None
5
97
60
2.5
5
3.16
800
4 × 220µF
None
Short to
COMPb
None
None
5
110
80
2.5
12
3.16
1000
4 × 220µF
None
Short to
COMPb
None
None
5
114
80
3.3
5
2.21
800
4 × 220µF
None
Short to
COMPb
None
None
5
121
80
3.3
12
2.21
1000
4 × 220µF
None
Short to
COMPb
None
None
5
124
80
Safety Considerations
The LTM4640 does not provide galvanic isolation from VIN to VOUT. There is no internal fuse. If required, a slow blow
fuse with a rating twice the maximum input current must be provided to protect the unit from catastrophic failure.
The device does support thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com