Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4702
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 23Page - Analog Devices LTM4702 Datasheet HTML 24Page - Analog Devices LTM4702 Datasheet HTML 25Page - Analog Devices LTM4702 Datasheet HTML 26Page - Analog Devices LTM4702 Datasheet HTML 27Page - Analog Devices LTM4702 Datasheet HTML 28Page - Analog Devices LTM4702 Datasheet HTML 29Page - Analog Devices LTM4702 Datasheet HTML 30Page - Analog Devices LTM4702 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
27 of 38
TA = 25°C, unless otherwise noted.
Figure 26. Power Loss at 1V Output
Figure 27. Power Loss at 1.5V Output
Figure 28. Power Loss at 3.3V Output
Figure 29. 5V to 1V Derating Curve, No Heat Sink
Figure 30. 12V to 1V Derating Curve, No Heat Sink
Figure 31. 5V to 1.5V Derating Curve, No Heat Sink
SW = 600k
= 5
= 12
L A C RRE
A
0
2
4
6
10
12
14
16
1
20
0
0.5
1.0
1.5
2.0
2.5
.0
.5
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com