Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4702
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 16Page - Analog Devices LTM4702 Datasheet HTML 17Page - Analog Devices LTM4702 Datasheet HTML 18Page - Analog Devices LTM4702 Datasheet HTML 19Page - Analog Devices LTM4702 Datasheet HTML 20Page - Analog Devices LTM4702 Datasheet HTML 21Page - Analog Devices LTM4702 Datasheet HTML 22Page - Analog Devices LTM4702 Datasheet HTML 23Page - Analog Devices LTM4702 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
20 of 38
Since the subordinate regulator’s TRACK/SS is connected to the main device output through an RTR(TOP)/RTR(BOT)
resistor divider, and its voltage is used to regulate the subordinate device output voltage when TRACK/SS voltage is
below 0.6V, the subordinate device output voltage and the main device output voltage should satisfy Equation 7
during startup.
������������������������(������������������) ×
������������������(������������������)
������������������(������������������) + 10������Ω
= ������������������������(������������������������) ×
������������������(������������������)
������������������(������������������) + ������������������(������������������)
(7)
The RFB(SUB)is the feedback resistor, and the RTR(TOP)/RTR(BOT)is the resistor divider on the TRACK/SS pin of the
subordinate regulator, as shown in Figure 22.
Following Equation 7, the ratio of the main device output slew rate (MR) to the subordinate device output slew
rate (SR) is given by Equation 8.
������������
������������
=
������������������(������������������)
������������������(������������������) + 10������Ω
������������������(������������������)
������������������(������������������) + ������������������(������������������)
(8)
For example, VOUT(MAIN)= 1.5V, MR = 1.5V/1ms and VOUT(SUB)= 1.2V, SR = 1.2V/1ms. From Equation 8, we could solve that
RTR(TOP)= 10kΩ and RTR(BOT)= 6.65kΩ are a good combination for the ratio metric tracking.
The TRACK/SS pin has the 6µA current source on when a resistive divider implements tracking on the subordinate
regulator. This imposes an offset on the TRACK/SS pin input. Smaller value resistors with the same ratios as the
resistor values calculated from Equation 8 are recommended to mitigate such impact. For example, where the
10kΩ is used, then a 5kΩ is used to reduce the TRACK/SS pin offset to a negligible value.
Coincident output tracking is recognized as a special ratio metric output tracking in which the main device output
slew rate (MR) is the same as the subordinate device output slew rate (SR), waveform as shown in Figure 23.
Figure 23. Output Coincident Tracking Waveform
TIME
SUBORDINATE OUTPUT
MAIN OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com