Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4702
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 10Page - Analog Devices LTM4702 Datasheet HTML 11Page - Analog Devices LTM4702 Datasheet HTML 12Page - Analog Devices LTM4702 Datasheet HTML 13Page - Analog Devices LTM4702 Datasheet HTML 14Page - Analog Devices LTM4702 Datasheet HTML 15Page - Analog Devices LTM4702 Datasheet HTML 16Page - Analog Devices LTM4702 Datasheet HTML 17Page - Analog Devices LTM4702 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
14 of 38
different levels. The LTM4640 has MODE/CLKIN and CLKOUT pins for PolyPhase operation of multiple devices or
frequency synchronization.
Pulling the RUN pin to GND forces the controller into its shutdown state, turning off both power MOSFETs and most
of the internal control circuitry. At light load currents, discontinuous-conduction mode (DCM) operation can be
enabled to achieve higher efficiency compared to continuous-conduction mode (CCM) by pulling the MODE/CLKIN
pin to GND. The TRACK/SS pin is used for power supply tracking and soft start programming. See the Applications
Information section for details.
Simplified Block Diagram
Figure 17. LTM4640 Simplified Block Diagram
Decoupling Requirements
Table 6. Decoupling Requirements
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External input capacitor requirement
(VIN = 3.1V to 20V, VOUT = 1.5V)
IOUT = 20A
33
44
µF
COUT
External output capacitor requirement
(VIN = 3.1V to 20V, VOUT = 1.5V)
IOUT = 20A
330 1
470 1
µF
1
Additional capacitance may be required under extreme temperature and/or capacitor bias voltage conditions
because of the variation of the actual capacitance over bias voltage and temperature.
POWER CONTROL
2.2µF
0.1µF
0.1µF
CIN
22µF
25V
INTVCC
TRACK/SS
RUN
VIN
MODE/CLKIN
CLKOUT
PHMODE
COMPa
COMPb
1µF
VOUT
VOSNS
–
VOSNS
+
FB
VIN
10kΩ
PGOOD
VOUT
1.5V,
20A
RFB
15kΩ
10kΩ
±0.5%
VIN
3.1V TO 20V
INTVCC
GND
0.18µH
FREQ
274kΩ
INTERNAL
COMP
GND
INTERNAL
FILTER
COUT
3 × 100µF
6.3V
DIFF
AMP
TSENSE–
TSENSE+
LTM4640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com