Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM4702
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 11Page - Analog Devices LTM4702 Datasheet HTML 12Page - Analog Devices LTM4702 Datasheet HTML 13Page - Analog Devices LTM4702 Datasheet HTML 14Page - Analog Devices LTM4702 Datasheet HTML 15Page - Analog Devices LTM4702 Datasheet HTML 16Page - Analog Devices LTM4702 Datasheet HTML 17Page - Analog Devices LTM4702 Datasheet HTML 18Page - Analog Devices LTM4702 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
15 of 38
APPLICATIONS INFORMATION
The typical LTM4640 application circuit is shown in Figure 37. The external component selection is primarily
determined by the input voltage, output voltage, load transient, and maximum load current. See Table 12 for
specific external capacitor requirements for a particular application.
V
IN to VOUT Step-Down Ratios
There are restrictions on the maximum VIN and VOUT step-down ratios that can be achieved for a given input voltage
because of the minimum off-time and minimum on-time limits of the regulator. The minimum off-time limit
imposes a maximum duty cycle which is calculated with Equation 1.
������������������������ = 1 − (������������������������(������������������) × ������������������)
(1)
where tOFF(MIN)is the minimum off-time, typically 50ns for LTM4640, and fSW (Hz) is the switching frequency.
Conversely, the minimum on-time limit imposes a minimum duty cycle of the converter which is calculated
with Equation 2.
������������������������ = ������������������(������������������) × ������������������
(2)
where tON(MIN)is the minimum on-time, typically 25ns for LTM4640. In the rare cases where the minimum duty cycle
is surpassed, the output voltage remains in regulation, but the switching frequency decreases from its
programmed value. Note that additional thermal derating may be applied. See the Thermal Considerations and
Output Current Derating section.
Output Voltage Programming
The pulse-width modulation (PWM) controller has an internal 0.6V reference voltage. As shown in Figure 17
(Simplified Block Diagram), a 10kΩ internal feedback resistor connects the VOSNS+ and the FB pins. Adding a resistor,
RFB, from FB pin to VOSNS– pin programs the output voltage given by Equation 3.
������������������ =
0.6������
������������������������ − 0.6������
× 10������Ω
(3)
Table 7 summarizes the RFB values required for some of the typical output voltage applications.
Table 7. RFB Resistor Table vs. Various Output Voltages
VOUT (V)
0.6
1.0
1.2
1.5
1.8
2.5
3.3
RFB (kΩ)
OPEN
15
10
6.65
4.99
3.16
2.21
For parallel operation of multiple channels, the same feedback setting resistor is used for the parallel design. This is
done by connecting the VOSNS+ to the output, as shown in Figure 18, thus connecting one of the internal 10kΩ
resistors to the output. All the VFB pins connect with one programming resistor, as shown in Figure 18. See Figure 39
for an example of a parallel operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com