Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM4702
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 15Page - Analog Devices LTM4702 Datasheet HTML 16Page - Analog Devices LTM4702 Datasheet HTML 17Page - Analog Devices LTM4702 Datasheet HTML 18Page - Analog Devices LTM4702 Datasheet HTML 19Page - Analog Devices LTM4702 Datasheet HTML 20Page - Analog Devices LTM4702 Datasheet HTML 21Page - Analog Devices LTM4702 Datasheet HTML 22Page - Analog Devices LTM4702 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
19 of 38
Soft Start and Output Voltage Tracking
The TRACK/SS pin provides a means to either soft start the regulator or track it to a different power supply.
A capacitor on the TRACK/SS pin programs the ramp rate of the output voltage. An internal 6µA current source
charges up the external soft start capacitor towards INTVCC voltage. When the TRACK/SS voltage is below 0.6V, it
takes over the internal 0.6V reference voltage to control the output voltage. The total soft start time is calculated
with Equation 6.
������������������ = 0.6������ ×
������������������
6µ������
(6)
where CSS is the capacitance on the TRACK/SS pin. Current foldback and FCM are disabled during the soft
start process.
Output voltage tracking can also be externally programmed using the TRACK/SS pin. The output is tracked up and
down with another regulator. Figure 21 and Figure 22 show examples of a waveform and the schematic of ratio
metric tracking where the subordinate regulator’s output slew rate is proportional to the main device.
Figure 21. Output Ratio Metric Tracking Waveform
Figure 22. Example Schematic of Ratio Metric Output Voltage Tracking
TIME
SUBORDINATE OUTPUT
MAIN OUTPUT
RFB(MAIN)
6.65kΩ
VOUT(MAIN)
1.5V, 20A
RTR(BOT)
6.65kΩ
RTR(TOP)
10kΩ
RFB(SUB)
10kΩ
VOUT(SUB)
1.2V, 20A
VIN
RUN
INTVCC
MODE/CLKIN
COMPa
COMPb
LTM4640 VOUT
VOSNS
+
2 × 22µF
25V
2 × 22µF
25V
4 × 100µF
6.3V
VIN
3.1V TO 20V
FB
GND
VOSNS
–
TRACK/SS
VIN
RUN
INTVCC
MODE/CLKIN
COMPa
COMPb
LTM4640 VOUT
VOSNS
+
4 × 100µF
6.3V
FB
GND
VOSNS
–
TRACK/SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com