Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4702
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 8Page - Analog Devices LTM4702 Datasheet HTML 9Page - Analog Devices LTM4702 Datasheet HTML 10Page - Analog Devices LTM4702 Datasheet HTML 11Page - Analog Devices LTM4702 Datasheet HTML 12Page - Analog Devices LTM4702 Datasheet HTML 13Page - Analog Devices LTM4702 Datasheet HTML 14Page - Analog Devices LTM4702 Datasheet HTML 15Page - Analog Devices LTM4702 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
12 of 38
Figure 10. 3.3VOUT Transient Response
Figure 11. Startup Waveform without Load Current
Figure 12. Startup Waveform with 20A Load Current
Figure 13. Output Short-Circuit Waveform without Load
Current Applied
Figure 14. Output Short-Circuit Waveform with 20A Load
Current Applied
Figure 15. Startup into Prebiased Output
100µs/DIV
LOAD STEP
CURRENT
5A/DIV
VOUT
AC-COUPLED
100mV/DIV
VIN = 12V, VOUT = 3.3V, fSW = 1MHz
COUT = 4 × 220µF + 2 × 2.2µF + 1µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF = 100pF, 10A ~ 15A (25%) LOAD STEP
10A/μs SLEW RATE
5ms/DIV
INPUT
CURRENT
500mA/DIV
VOUT
1V/DIV
PGOOD
5V/DIV
RUN
10V/DIV
VIN = 12V, VOUT = 1.5V, fSW = 800kHz
COUT = 4 × 220µF + 2 × 2.2µF + 1µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF = 100pF, CSS = 0.1µF
5ms/DIV
INPUT
CURRENT
2A/DIV
VOUT
1V/DIV
PGOOD
5V/DIV
RUN
10V/DIV
VIN = 12V, VOUT = 1.5V, fSW = 800kHz
COUT = 4 × 220µF + 2 × 2.2µF + 1µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF = 100pF, CSS = 0.1µF
200µs/DIV
INPUT
CURRENT
1A/DIV
VOUT
1V/DIV
VIN = 12V, VOUT = 1.5V, fSW = 800kHz
COUT = 4 × 220µF + 2 × 2.2µF + 1µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF = 100pF
VIN = 12V, VOUT = 1.5V, fSW = 800kHz
COUT = 4 × 220µF + 2 × 2.2µF + 1µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF = 100pF
200µs/DIV
INPUT
CURRENT
1A/DIV
VOUT
1V/DIV
5ms/DIV
INPUT
CURRENT
500mA/DIV
VOUT
2V/DIV
PGOOD
5V/DIV
RUN
10V/DIV
VIN = 12V, VOUT = 3.3V, fSW = 800kHz
COUT = 4 × 220µF + 2 × 2.2µF + 1µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF = 100pF, CSS = 0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com