Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM4702
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 22Page - Analog Devices LTM4702 Datasheet HTML 23Page - Analog Devices LTM4702 Datasheet HTML 24Page - Analog Devices LTM4702 Datasheet HTML 25Page - Analog Devices LTM4702 Datasheet HTML 26Page - Analog Devices LTM4702 Datasheet HTML 27Page - Analog Devices LTM4702 Datasheet HTML 28Page - Analog Devices LTM4702 Datasheet HTML 29Page - Analog Devices LTM4702 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
26 of 38
simplicity—but also, not ignoring practical realities—an approach has been taken by using FEA software modeling
and laboratory testing in a controlled environment chamber to reasonably define and correlate the thermal
resistance values supplied in this data sheet: (1) Initially, FEA software accurately builds the mechanical geometry
of the LTM4640 and the specified PCB with all of the correct material coefficients and accurate power loss source
definitions; (2) this model simulates a software-defined JEDEC environment consistent with JSED5112 to predict
power loss heat flow and temperature readings at different interfaces that enable the calculation of the JEDEC-
defined thermal resistance values; (3) the model and FEA software evaluates the LTM4640 with heat sink and
airflow; (4) having solved for and analyzed these thermal resistance values and simulated various operating
conditions in the software model, a thorough laboratory evaluation replicates the simulated conditions with
thermocouples within a controlled environment chamber while operating the device at the same power loss as the
one which was simulated. An outcome of this process and due diligence yields the set of derating curves shown in
Figure 29 through Figure 34. After these laboratory tests have been performed and correlated to the LTM4640, then
the θJB and θBA are summed together to provide a value that should closely equal the θJA value because
approximately 100% of power loss flows from the junction through the board into ambient with no airflow or top
mounted heat sink.
The 1V, 1.5V, and 3.3V power loss curves in Figure 26 through Figure 28 can be used in coordination with the load
current derating curves in Figure 29 through Figure 34 for calculating an approximate θJA thermal resistance for the
LTM4640 with various airflow conditions. The power loss curves are taken at room temperature and are increased
with a multiplicative factor according to the ambient temperature. This approximate factor is 1.2 for 120°C, at
junction temperature. The maximum load current is achievable while increasing ambient temperature if the
junction temperature is less than 120°C, which is a 5°C guard band from a maximum junction temperature of 125°C.
When the ambient temperature reaches a point where the junction temperature is 120°C, then the load current is
lowered to maintain the junction at 120°C, while increasing ambient temperature up to 120°C. The derating curves
are plotted with the output current starting at 20A and the ambient temperature at 30°C. The output voltages are
1V, 1.5V, and 3.3V. These are chosen to include the lower and higher output voltage ranges to correlate the thermal
resistance. Thermal models are derived from several temperature measurements in a controlled temperature
chamber and thermal modeling analysis. The junction temperatures are monitored while ambient temperature is
increased with and without airflow. The power loss increase with ambient temperature change is factored into the
derating curves. The junctions are maintained at 120°C maximum while lowering output current or power with
increasing ambient temperature.
The decreased output current decreases the internal µModule loss as the ambient temperature is increased. The
monitored junction temperature of 120°C minus the ambient operating temperature specifies how much µModule
temperature rise can be allowed. For example, in Figure 30, the load current is derated to ~10A at ~95°C with no
airflow or heat sink, and the power loss for the 12V to 1V at 10A output is about 1.8W. The 1.8W loss is calculated
with the ~1.5W room temperature loss from the 12V to 1V power loss curve at 10A, and the 1.2 multiplying factor at
120°C junction temperature. If the 95°C ambient temperature is subtracted from the 120°C junction temperature,
then the difference of 25°C divided by 1.8W equals a 13.9°C/W θJA thermal resistance. Table 9 specifies a 14°C/W
value, which is very close. Table 10 and Table 11 provide equivalent thermal resistances for 1.5V and 3.3V outputs
with and without airflow and heat sinking. The derived thermal resistances in Table 9, Table 10, and Table 11 for the
various conditions can be multiplied by the calculated power loss as a function of ambient temperature to derive
temperature rise above ambient, thus maximum junction temperature. Room temperature power loss can be
derived from the efficiency curves in the Typical Performance Characteristics section and adjusted with the previous
ambient temperature multiplicative factors. The printed circuit board is a 1.6mm thick 6-layer board with two-
ounce copper for all six layers. The PCB dimensions are 90mm × 90mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com