Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4702
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 14Page - Analog Devices LTM4702 Datasheet HTML 15Page - Analog Devices LTM4702 Datasheet HTML 16Page - Analog Devices LTM4702 Datasheet HTML 17Page - Analog Devices LTM4702 Datasheet HTML 18Page - Analog Devices LTM4702 Datasheet HTML 19Page - Analog Devices LTM4702 Datasheet HTML 20Page - Analog Devices LTM4702 Datasheet HTML 21Page - Analog Devices LTM4702 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
18 of 38
Table 8. PHMODE Pin Status and Corresponding Phase Relationship (Relative to CLKIN)
PHMODE
INTVCC
GND
FLOAT
CLKOUT
180°
120°
90°
Figure 19. 4-Phase Operation with an External Clock IC and Low-Pass Filters
A multiphase power supply significantly reduces the amount of ripple current in both the input and the output
capacitors. The RMS input ripple current is reduced by, and the effective ripple frequency is multiplied by, the
number of phases used (if the input voltage exceeds the number of phases used times the output voltage). The
output ripple amplitude is also reduced by the number of phases used when all the outputs are connected to
achieve a single high output current design.
The LTM4640 is an inherently current mode-controlled device, which ensures good current sharing in parallel
operation. This balances the thermals on the design. Connect the RUN, TRACK/SS, FB, and COMPa pins of each
paralleling channel together. Figure 39 shows an example of a parallel operation and the pins connection.
Input RMS Ripple Current Cancellation
Analog Devices Application Note 77 provides a detailed explanation of a multiphase operation. The input RMS ripple
current cancellation mathematical derivations are presented, and a graph is displayed representing the RMS ripple
current reduction as a function of the number of interleaved phases. Figure 20 shows this graph.
Figure 20. The RMS Input Ripple Current to DC Load Current Ratio as a Function of the Duty Cycle
1kΩ
1kΩ
1kΩ
1kΩ
68pF
68pF
68pF
68pF
PHASE 1
MODE/CLKIN
CLK1
CLK2
CLK4
CLK3
0°
90°
180°
270°
VOUT
LTC6902
LTM4640
MODE/CLKIN
VOUT
LTM4640
MODE/CLKIN
VOUT
LTM4640
MODE/CLKIN
VOUT
LTM4640
PHASE 2
PHASE 3
PHASE 4
0.75 0.8
0.7
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.85 0.9
DUTY CYCLE (VOUT/VIN)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
1-PHASE
2-PHASE
3-PHASE
4-PHASE
6-PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com