Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 36 Page - Analog Devices

Part # LTM4702
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 36 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 30Page - Analog Devices LTM4702 Datasheet HTML 31Page - Analog Devices LTM4702 Datasheet HTML 32Page - Analog Devices LTM4702 Datasheet HTML 33Page - Analog Devices LTM4702 Datasheet HTML 34Page - Analog Devices LTM4702 Datasheet HTML 35Page - Analog Devices LTM4702 Datasheet HTML 36Page - Analog Devices LTM4702 Datasheet HTML 37Page - Analog Devices LTM4702 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
36 of 38
ORDERING GUIDE
Table 14.Ordering Guide
MODEL
TEMPERATURE
RANGE 1
PACKAGE
DESCRIPTION*
PACKAGE OPTION
LTM4640EY#PBF
–40°C to 125°C Part marking: 4640,
SAC305 (RoHS) ball
finish, e1 finish code,
moisture sensitivity
level (MSL 4) rated
device.
49-Pin, 6.25mm × 6.25mm × 5.07mm, BGA
package.
LTM4640IY#PBF
–40°C to 125°C Part marking: 4640,
SAC305 (RoHS) ball
finish, e1 finish code,
moisture sensitivity
level (MSL 4) rated
device.
49-Pin, 6.25mm × 6.25mm × 5.07mm, BGA
package.
1
The LTM4640, including E-grade and I-grade parts (see Table 14), is tested under pulsed load conditions such
that TJ ≈ TA. The LTM4640E is guaranteed to meet performance specifications over the 0°C to 125°C internal
operating temperature range. Specifications over the –40°C to 125°C internal operating temperature range are
assured by design, characterization, and correlation with statistical process controls. The LTM4640I is
guaranteed to meet specifications over the full –40°C to 125°C internal operating temperature range. Note
that the maximum ambient temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package thermal resistance, and other
environmental factors.
Contact the factory for parts specified with wider operating temperature ranges. *Ball finish code is per IPC/JEDEC
J-STD-609. The temperature grade is identified by a label on the shipping container.
Recommended LGA and BGA PCB assembly and manufacturing procedures.
LGA and BGA package and tray drawings.
Table 15. Evaluation Boards
PART NUMBER
DESCRIPTION
DC3107A
20VIN, 20A Step-Down DC-to-DC µModule Regulator evaluation (demo) board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com