Electronic Components Datasheet Search
  English  ▼

X  

SC416 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 5 Page - Semtech Corporation

  SC416 Datasheet HTML 1Page - Semtech Corporation SC416 Datasheet HTML 2Page - Semtech Corporation SC416 Datasheet HTML 3Page - Semtech Corporation SC416 Datasheet HTML 4Page - Semtech Corporation SC416 Datasheet HTML 5Page - Semtech Corporation SC416 Datasheet HTML 6Page - Semtech Corporation SC416 Datasheet HTML 7Page - Semtech Corporation SC416 Datasheet HTML 8Page - Semtech Corporation SC416 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
SC416
5
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
Regulation (Continued)
VOUT2 On-Time Threshold
FB2 = 5V; 0 to 85°C
FB2 = 5V; -40 to 85°C
1.25
1.25
1.2343
1.2281
1.2656
1.2718
V
FB2 = RTN; 0 to 85°C
FB2 = RTN; -40 to 85°C
1.05
1.05
1.0368
1.0316
1.0631
1.0684
V
VOUTx Line Regulation Error
0.04
%/V
VOUTx Load Regulation Error
0.3
%
Timing
VOUTx On-Time(1)
VOUTx Set to 1.5V
VOUT1; RTON = 1Meg
VOUT2; RTON = 1Meg
VOUT1; RTON = 499K
VOUT2; RTON = 499K
400
330
200
167
320
260
480
400
nsec
Minimum On-Time
DH1, DH2
50
ns
Minimum Off-Time
DL1, DL2
330
ns
Soft-Start/Shutdown
Soft-Start SSx Current Source
5
3.5
6.5
μA
Shutdown SSx Current Sink
5
3.5
6.5
μA
Soft-Start Ramp Time
CSSx = 4.7nF
700
μsec
SSx Shutdown
Discharge Resistance
ENx = RTN,
VOUTx < 300mV
16
Ω
VOUTx Shutdown
Discharge Resistance
ENx = RTN,
VOUTx < 300mV
16
Ω
Analog Inputs/Outputs
VOUT1 Input Resistance
EN1 = VDD1
120
kΩ
VOUT2 Input Resistance
EN2 = VDD2
90
kΩ
FBx Input Bias Current
-1
+1
μA
Current Sense
ILIMx Source Current
10
9
11
μA
ILIMx Comparator Offset
ILIMx - GND
-10
+10
mV
Current Limit (Negative)
LXx - GND
80
60
100
mV
Zero Crossing Detector Threshold
LXx - GND
-7
+7
mV
Power Good
PGDx Threshold
1% Hysteresis Typical,
with Respect to
Regulation Point
-12
-9
-15
%
PGDx Threshold Delay Time (2)
5μs
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com