Electronic Components Datasheet Search
  English  ▼

X  

SC416 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 20Page - Semtech Corporation SC416 Datasheet HTML 21Page - Semtech Corporation SC416 Datasheet HTML 22Page - Semtech Corporation SC416 Datasheet HTML 23Page - Semtech Corporation SC416 Datasheet HTML 24Page - Semtech Corporation SC416 Datasheet HTML 25Page - Semtech Corporation SC416 Datasheet HTML 26Page - Semtech Corporation SC416 Datasheet HTML 27Page - Semtech Corporation SC416 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
SC416
24
Figure 18 shows examples of this.
FB trip point
FB trip point
False trigger on FB
False trigger on FB
Idealized ESL ripple
Actual ripple with CBP
Idealized ESL ripple
Figure 18
There are two ways to deal with this issue. One is to use
a larger ceramic capacitor, typically 2.2–10μF, which sig-
nificantly smooths the ripple waveform as shown in Fig-
ure 19.
Large CB (~2.2 – 10 uF)
FB trip point
Actual ripple with CBP
Ripple due to ESL
Figure 19
A second solution is to add a small RC filter in series with
the FB resistors, shown by RF/CF in Figure 20. This RC
filter is intended to remove the high-frequency noise but
still allow the ripple to reach the FB pin. Recommended
values are 10 ohms and 10nF.
R1
R2
To FB
CF
VOUT
RF
VOUT ripple
FB ripple
Figure 20
Dropout Performance
The VOUT adjust range for continuous-conduction op-
eration is limited by the fixed 330nsec (typical) Minimum
Off-time One-shot. When working with low input voltag-
es, the duty-factor limit must be calculated using worst-
case values for on and off times.
The IC duty-factor limitation is given by:
DUTY = TON
MIN
/ (TON
MIN
+ TOFF
MAX
)
Be sure to include inductor resistance and MOSFET on-
state voltage drops when performing worst-case drop-
out duty-factor calculations.
SC416 System DC Accuracy (VOUT Controller)
Three factors affect VOUT accuracy: the trip point of the
FB error comparator, the switching frequency variation
with line and load, and the external resistor tolerance.
The error comparator is trimmed to trip when the FB pin
is 750mV, +/-1% over the range of 0 to 85°C.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com