Electronic Components Datasheet Search
  English  ▼

X  

SC416 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 1 Page - Semtech Corporation

  SC416 Datasheet HTML 1Page - Semtech Corporation SC416 Datasheet HTML 2Page - Semtech Corporation SC416 Datasheet HTML 3Page - Semtech Corporation SC416 Datasheet HTML 4Page - Semtech Corporation SC416 Datasheet HTML 5Page - Semtech Corporation SC416 Datasheet HTML 6Page - Semtech Corporation SC416 Datasheet HTML 7Page - Semtech Corporation SC416 Datasheet HTML 8Page - Semtech Corporation SC416 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
POWER MANAGEMENT
May 17, 2007
1
SC416
Dual Synchronous Buck Controller
with Tracking Start-up/Shutdown
Features
VIN Range 3-25V
Outputs Adjustable from 0.75 to 5.25V, or
Preset Output Voltages:
VOUT1 = 1.8 or 1.5V
VOUT2 = 1.25 or 1.05V
Proportional or Coincident Tracked Start-up and Shut-
down of Both Outputs
Adjustable Soft-start Rates for Each Output
Regulated Shutdown for Each Output
Low Shutdown Power
Constant On-Time for Fast Dynamic Response
Adjustable Switching Frequency
Separated Frequencies for Minimal Switching Interac-
tion:
VOUT1 = up to 600kHz
VOUT2 = up to 720kHz
Power Save or Continuous Operation at Light Load
Over-Voltage and Under-Voltage Fault Protection
Cycle-by-Cycle Valley Current Limit
DC Current Sense Using Low-Side RDSON Sensing, or
RSENSE In Source of Low-Side MOSFET for Greater
Accuracy
Separate Power Good Outputs
Separate Enable/Power Save Inputs
3.1A Non-Overlapping Gate Drive
SmartDriveTM for High-side MOSFET
MLP 4x4 24 Pin Lead-free Package
Industrial Temperature Range
WEEE and RoHS Compliant
Applications
Notebook and Sub-Notebook Graphics
Voltage Controllers
Tablet PCs
Embedded Applications
•
•
•
•
Description
The SC416 is a versatile, constant on-time, pseudo-
fixed-frequency, dual synchronous buck PWM control-
ler intended for notebook computers and other battery
operated portable devices. The SC416 contains all the
features needed to provide cost-effective control of two
independent switchmode power supplies.
The SC416 provides adjustable voltage tracking during
start-up and shut-down, making it an effective solution
for a variety of applications where the voltage differen-
tial between supply rails must meet defined limits dur-
ing all operating conditions including start-up and shut-
down. The SC416 supports proportional tracking which
gives equal start-up and shut-down times for both out-
puts, and can also provide coincident tracking where the
two output voltages are equal during the lower voltage’s
start-up and shut-down ramp.
The two DC outputs are adjustable from 0.75V to 5.25V.
Additional features for each output include cycle-by-
cycle current limit, voltage soft-start, under-voltage and
over-voltage protection, programmable over-current
protection, regulated shutdown, selectable power save
and non-overlapping gate drive. The SC416 provides
two enable/power save inputs, two soft-start inputs, two
power good outputs and an on-time adjust input.
The constant on-time topology provides fast dynamic
response. The excellent transient response means that
SC416 based solutions require less output capacitance
than competing fixed frequency converters. Switching
frequency is constant until a step in load or line voltage
occurs, at which time the pulse density and frequency
moves to counter the change in output voltage. After
the transient event, the controller frequency returns to
steady state operation. At light loads with power save
enabled, the SC416 reduces switching frequency for im-
proved efficiency.
© 2007 Semtech Corporation


Similar Part No. - SC416

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC416R MSPI-SC416R Datasheet
52Kb / 1P
Voltage Rating 4 to 16 VDC
More results

Similar Description - SC416

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
logo
Texas Instruments
TPS40056 TI-TPS40056 Datasheet
769Kb / 31P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
High Performance Synchronous Buck Controller With Reference Tracking
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Linear Technology
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
logo
ON Semiconductor
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Texas Instruments
TPS40056 TI1-TPS40056_16 Datasheet
1Mb / 33P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com