Electronic Components Datasheet Search
  English  ▼

X  

SC416 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 14Page - Semtech Corporation SC416 Datasheet HTML 15Page - Semtech Corporation SC416 Datasheet HTML 16Page - Semtech Corporation SC416 Datasheet HTML 17Page - Semtech Corporation SC416 Datasheet HTML 18Page - Semtech Corporation SC416 Datasheet HTML 19Page - Semtech Corporation SC416 Datasheet HTML 20Page - Semtech Corporation SC416 Datasheet HTML 21Page - Semtech Corporation SC416 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
SC416
18
Applications Information (continued)
Figure 11
Note that R3/R4 must never exceed the FB resistor ra-
tio for VOUT1. If this were the case, SS2 cannot exceed
750mV, and the FB2 comparator would never switch
over to the internal 750mV reference: VOUT2 would not
complete its startup cycle and would not reach the nomi-
nal regulation point. To prevent this it is recommended
to set R3/R4 such that SS2 is greater than 850mV when
VOUT1 is at the nominal point.
MOSFET Gate Drivers
The DH and DL drivers are optimized to drive moderate
high-side and larger low-side power MOSFETs. An adap-
tive dead-time circuit monitors the DL output and pre-
vents the high-side MOSFET from turning on until DL is
fully off; another circuit monitors the DH output and pre-
vents the low-side MOSFET from turning on until DH is
fully off.
Note: be sure there is low resistance and low inductance
between the DH and DL outputs to the gate of each
MOSFET.
SmartDriveTM
Each side uses Semtech’s proprietary SmartDrive to re-
duce switching noise. The DH drivers will turn on the
high-side MOSFET at a lower rate initially, allowing a soft-
er, smooth turn-off of the low-side diode. Once the diode
is off, the SmartDrive circuit automatically drives the high-
side MOSFET on at a rapid rate. This technique reduces
switching less while maintaining high efficiency, and also
avoids the need for snubbers or series resistors in the gate
drive.
Figure 12
Design Procedure
Prior to designing a switch mode supply, the input volt-
age, load current, and switching frequency must be
specified. The maximum input voltage (VINMAX) is de-
termined by the highest AC adaptor voltage, and the
minimum input voltage (VINMIN) is determined by the
lowest supply voltage after accounting for voltage drops
due to connectors, fuses, and switches.
In general, four parameters are needed to define the de-
sign:
Nominal output voltage (VOUT)
Static or DC output tolerance
Transient response
Maximum load current (IOUT)
1.
2.
3.
4.
VOUT1
TSTART
300mV
EN1
EN2
SS1
750mV
Rapid
discharge of
SS capacitor
+5V
VOUT2
R3/R4 > R1/R2
R3/R4 < R1/R2
TSD_RAMP
EN1
EN2
SS1
SC416
CSS
SS2
VOUT1
VOUT2
R3
R4
R1
R2
FB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com