Electronic Components Datasheet Search
  English  ▼

X  

SC416 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 11Page - Semtech Corporation SC416 Datasheet HTML 12Page - Semtech Corporation SC416 Datasheet HTML 13Page - Semtech Corporation SC416 Datasheet HTML 14Page - Semtech Corporation SC416 Datasheet HTML 15Page - Semtech Corporation SC416 Datasheet HTML 16Page - Semtech Corporation SC416 Datasheet HTML 17Page - Semtech Corporation SC416 Datasheet HTML 18Page - Semtech Corporation SC416 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
SC416
15
The general shutdown waveforms are shown in Figure
8.
300mV:
switching stops
EN
VOUT linear
down-ramp
Soft-discharge
into 16 ohms
Linear down-ramp
+5V
750mV: VOUT
down-ramp begins
810mV: SS linear
down-ramp begins
Rapid CSS discharge
into 4Kohm
VOUT
SS
TSD_DELAY
TSD_RAMP
CSS
SS
EN
SC416
Figure 8
Note that due to the discharging of CSS from +5V to
750mV, there is a small delay between EN going low and
VOUT beginning to ramp down. The delay is given by
the equation:
T
SD_DELAY
= Css × 19
(T
SD_DELAY
in μsec, Css in nF)
After this delay, the time for the output to ramp down to
the switch-off point of 300mV is given by:
T
SD_RAMP
= Css × 150 • (1 – 300mV/VOUT)
(T
SD_ RAMP
in μsec, Css in nF)
Once the output reaches 300mV, the shutdown sequence
is complete. DH and DH stop switching, the internal 16
ohm discharge pulldown at VOUT is energized, and that
side will go to the lowest-power state.
Voltage Tracking
The SC416 provides voltage tracking during both start-
up and shutdown.
The use of the SS pins determines
the type of tracking. The two most common tracking
schemes are proportional and coincident tracking.
Proportional Tracking (FB tracking)
Proportional tracking causes the output waveforms
to have the same startup and shutdown ramp time as
shown in Figure 9.
VOUT1
TSTART
300mV
EN1
EN2
SS1
SS2
750mV
Rapid
discharge of
SS capacitor
+5V
VOUT2
EN1
EN2
SS1
SS2
SC416
CSS
TSD_RAMP
Figure 9
For proportional tracking, the two SS pins are tied togeth-
er to share the same voltage ramp. The two EN pins must
also be tied together. Since the SS pins are tied together,
the startup and shutdown ramps for each side will track
the same signal. Note that during startup and shutdown,
the FB pins for each side will track the same SS signal; this
method can also be called FB tracking.
Startup for proportional tracking (FB tracking) is as fol-
lows. When both EN pins are set high simultaneously,
each SS pin sources 5uA. By connecting the SS pins to-
gether, the startup ramp rates for both FB1 and FB2 are
forced to be the same. Since the total current source is
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com