Electronic Components Datasheet Search
  English  ▼

X  

SC416 Datasheet(PDF) 27 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 23Page - Semtech Corporation SC416 Datasheet HTML 24Page - Semtech Corporation SC416 Datasheet HTML 25Page - Semtech Corporation SC416 Datasheet HTML 26Page - Semtech Corporation SC416 Datasheet HTML 27Page - Semtech Corporation SC416 Datasheet HTML 28Page - Semtech Corporation SC416 Datasheet HTML 29Page - Semtech Corporation SC416 Datasheet HTML 30Page - Semtech Corporation SC416 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
SC416
27
analog components without crossing the high-noise
power signals (DH/DL/BST, etc).
The analog components are those which connect to the
FB and VOUT pins. The FB pins are sensitive so the cop-
per area of these traces should be minimized. Compo-
nents connected to FB should be placed directly near the
IC and should not be placed over or near the gate drive
or power signals (DL/DH/BST/ILIM/LX/VDD).
The connection between power ground (PAD) and ana-
log ground (RTN) should be done at a single point direct-
ly at the IC. The analog components should be placed
in their own ground island which connects to the PAD
directly at the IC, and all analog components should con-
nect directly to this island.
Overall placement should look similar to Figure 22.
Figure 22
Applications Information (continued)
GND
(PAD)
SC416
Side 1 Power
Components
Side 2 Power
Components
Side 1
Analog
Components
Side 2
Analog
Components
The VDD supply decoupling capacitors should connect
to the IC with short traces, with multiple vias if needed.
Connect the ILIM traces to the low-side MOSFET directly
at the drain pins, and route these traces over to the ILIM
resistor on another layer if needed.
Route the VOUT/FB feedback traces in a “quiet” layer,
away from noise sources. Avoid routing near any of the
high-noise switching signals or other noise sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com