Electronic Components Datasheet Search
  English  ▼

X  

SC416 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 12Page - Semtech Corporation SC416 Datasheet HTML 13Page - Semtech Corporation SC416 Datasheet HTML 14Page - Semtech Corporation SC416 Datasheet HTML 15Page - Semtech Corporation SC416 Datasheet HTML 16Page - Semtech Corporation SC416 Datasheet HTML 17Page - Semtech Corporation SC416 Datasheet HTML 18Page - Semtech Corporation SC416 Datasheet HTML 19Page - Semtech Corporation SC416 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
SC416
16
10μA instead of 5μA, the CSS capacitor must be twice as
large as in the independent case. It is acceptable to use
only one SS capacitor for both SS pins, and the startup
time follows the equation:
T
START
= Css × 75
(T
START
in μsec, Css in nF)
Once the SS pins reach 750mV, each FB comparator
switches over to the internal 750mV reference, and the
SS pin is ignored. CSS will continue to charge to +5V, just
as in the independent case.
Shutdown for proportional tracking is similar to the inde-
pendent case. Both EN pins are simultaneously pulled to
GND to start the shutdown sequence. When the EN pins
are set low, the two SS 5μA current sources are disabled,
and the internal 4k pull-down of each SS pin is energized.
This begins a quick discharge of CSS from the initial +5V
starting point.
When CSS discharges down to 810mV, each 4k resistor
is removed and each SS 5μA current sink is energized, to
cause a more gradual ramp down to 750mV. When SS
reaches 750mV, each FB comparator ignores the inter-
nal 750mV reference and uses the falling SS ramp as the
reference. This causes both FB pins to fall at a constant
linear rate. This in turn causes both VOUTs to fall linearly.
This continues for each VOUT until it reaches 300mV, at
which point all switching for that output will stop.
Note that the output ramp-down is controlled only
until the point where the output voltage (as sensed at
the VOUT pin, not the FB pin) reaches 300mV, and then
switching stops. Also note that the two output voltages
may not reach 300mV at the same time. With propor-
tional tracking, the lower voltage will reach 300mV first;
at that point, the lower voltage will enter soft-discharge
into 16 ohms, but the other output will continue on the
SS ramp-down until it also reaches 300mV. For the ma-
jority of applications this is acceptable since 300mV is
typically too small to cause a voltage-differential prob-
lem for the load.
Applications Information (continued)
Coincident Tracking (VOUT tracking)
Coincident tracking has the lower output actively match-
ing the higher output during startup and shutdown.
During startup, the two voltages track identically until
the lower VOUT reaches its nominal point and then re-
mains at that point. The higher voltage continues on a
linear ramp until reaching its final value.
During shutdown, the higher voltage initially starts to fall
while the lower voltage stays in regulation. When the
higher voltage has dropped to the same level as the low-
er voltage, the lower voltage joins the ramp-down, and
both voltages fall at the same rate. When the outputs
reach 300mV, switching stops and the outputs will soft-
discharge into their VOUT pins.
The waveforms and schematic for coincident tracking
are shown in Figure 10.
VOUT1
TSTART
300mV
EN1
EN2
SS1
750mV
Rapid
discharge of
SS capacitor
+5V
VOUT2
EN1
EN2
SS1
SC416
CSS
TSD_RAMP
SS2
VOUT1
VOUT2
R3
R4
R1
R2
FB2
Figure 10
Note that both EN pins are tied together. For coincident
tracking, the higher output voltage must act as the con-
trol, and the lower output must be the follower. Either
side can act as controller or follower. In this case, VOUT1
is the higher output voltage. When the EN pins are set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com