Electronic Components Datasheet Search
  English  ▼

X  

SC416 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 7Page - Semtech Corporation SC416 Datasheet HTML 8Page - Semtech Corporation SC416 Datasheet HTML 9Page - Semtech Corporation SC416 Datasheet HTML 10Page - Semtech Corporation SC416 Datasheet HTML 11Page - Semtech Corporation SC416 Datasheet HTML 12Page - Semtech Corporation SC416 Datasheet HTML 13Page - Semtech Corporation SC416 Datasheet HTML 14Page - Semtech Corporation SC416 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
SC416
11
Applications Information (continued)
Enable/Psave Inputs
Each converter has a separate Enable pin. Each EN input
operates as follows:
EN = GND. This turns the converter off.
EN = open (float). This turns the converter on with psave
mode disabled (continuous conduction mode). In this
case, the EN pin will float to approximately 2V due to
an internal 1.5Meg/1Meg resistor divider from +5V to
ground.
EN = high (3.1V min). This turns the converter on with
psave mode enabled. At light loads, the converter will
operate in psave mode.
Note that the two EN pins are separate, so each output
can be disabled or operated with or without psave inde-
pendently.
For tracking operation during startup, the two EN pins
are typically tied together; see the Voltage Tracking sec-
tion.
If both EN1 and EN2 are grounded, the device is placed
into the lowest-power state, drawing typically 7μA from
the +5V supply.
Psave Operation
Each output provides automatic psave operation at light
loads if the ENx pin is set high. The internal Zero-Cross
comparator looks for inductor current (via the voltage
across the lower MOSFET) to fall to zero on eight con-
secutive switching cycles. Once observed, the control-
ler enters psave mode and turns off the low-side MOS-
FET on each subsequent cycle when the current crosses
zero. To add hysteresis, the on-time is also increased by
25% in Psave, for that converter only; it does not affect
the other converter’s on-time. The efficiency improve-
ment at light loads more than offsets the disadvantage
of slightly higher output ripple. If the inductor current
does not cross zero on any switching cycle, the controller
immediately exits Psave. Once Psave is exited, it requires
8 switching cycles at light load to re-enter psave. Since
the controller counts zero crossings, the converter can
sink current as long as the current does not cross zero on
eight consecutive cycles. This allows the output voltage
to recover quickly in response to negative load steps.
When operating in Psave mode at light loads, the LX
waveform will not have the typical square wave shape
seen when operating in continuous conduction mode.
Shortly after DL drives low, and both MOSFETs are off,
the LX voltage will show ringing. This ringing is caused
by the LC circuit formed by the inductor and device ca-
pacitance of the MOSFETs and low-side diode. When
the low-side MOSFET turns off the inductor current falls
toward zero. When it reaches zero, the inductance and
MOSFET capacitances will tend to ring freely. This is nor-
mal Psave operation as shown in Figure 3.
VOUT
VIN
COUT
L
CQ1
CQ2
Q1
Q2
DH
DL
DL
LX
VOUT
VIN
Typical ringing at LX
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com