Electronic Components Datasheet Search
  English  ▼

X  

SC416 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 19Page - Semtech Corporation SC416 Datasheet HTML 20Page - Semtech Corporation SC416 Datasheet HTML 21Page - Semtech Corporation SC416 Datasheet HTML 22Page - Semtech Corporation SC416 Datasheet HTML 23Page - Semtech Corporation SC416 Datasheet HTML 24Page - Semtech Corporation SC416 Datasheet HTML 25Page - Semtech Corporation SC416 Datasheet HTML 26Page - Semtech Corporation SC416 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
SC416
23
R1
R2
To FB
COUT
VOUT
LOAD
LX
ESR
Ripple Current
VOUT ripple from ESR
FB ripple
750 mV
ESL
VOUT ripple from ESL
Total VOUT ripple
Figure 16
Note also that the effect of ESL becomes increasingly
more noticeable with lower VOUT and higher VIN. The
square wave due to ESL is basically the same square
wave seen at the LX node, scaled down by the ratio of the
output inductor and the ESL. As VOUT gets lower, the
output inductor gets smaller, and this directly increases
the ESL square wave. Moreover, lower output voltages
have tighter ripple requirements, so there is generally
less room available for pk-pk ripple.
In addition to the ESL, most applications also have a small
capacitor in parallel with COUT; this is typically a small
ceramic capacitor intended to absorb high frequency
noise not filtered by the output capacitor, as shown by
CB in Figure 17.
R1
R2
To FB
COUT
VOUT
LOAD
LX
ESR
ESL
CB
Figure 17
This capacitor CB can have a large effect on the ripple
waveform. The switch transitions are fast, typically 10-
30nsec. At this high speed, the output capacitor (COUT)
impedance is dominated by ESL, which is in parallel with
CB. The effective circuit is a parallel L-C filter. The choice
of CB can have significant effect on the ripple waveform.
This parallel LC circuit can lead to ringing at VOUT. Since
the FB waveform goes below the 750mV threshold soon
after the DH pulse is finished, there is the potential for
double-pulsing; the ringing can cause the FB waveform
to go below the trip point too early.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com