Electronic Components Datasheet Search
  English  ▼

X  

SC416 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 6Page - Semtech Corporation SC416 Datasheet HTML 7Page - Semtech Corporation SC416 Datasheet HTML 8Page - Semtech Corporation SC416 Datasheet HTML 9Page - Semtech Corporation SC416 Datasheet HTML 10Page - Semtech Corporation SC416 Datasheet HTML 11Page - Semtech Corporation SC416 Datasheet HTML 12Page - Semtech Corporation SC416 Datasheet HTML 13Page - Semtech Corporation SC416 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
SC416
10
one of the following occurs:
The FB comparator input drops to the
750mV reference, as sensed through the
FB pin or the VOUT pin
The Zero Cross detector trips, if psave is
active
The Negative Current Limit detector trips
If DL drives low because FB has dropped to 750mV, then
another DH on-time is started. This is normal operation
at heavy load (fully synchronous operation with either
DH or DL high except during transitions).
The Zero Cross detector monitors the voltage across the
low-side MOSFET during the DL high time and detects
when it reaches zero. If DL drives low because of the
Zero Cross detector, and psave is active, then both DH
and DL will remain low until FB drops to 750mV, at which
point the next DH on-time will begin. If a Zero Cross is
detected on eight consecutive cycles, then for each sub-
sequent switching cycle DL will shut off when the Zero
Cross detector trips; see the Psave Operation section.
When this occurs, both DH and DL will stay low until FB
drops to 750mV, which will begin the next DH on-time.
This is normal operation at light load, see the Psave Op-
eration section.
The Negative Current Limit detector trips when the drain
voltage at the low-side MOSFET reaches +80mV, indicat-
ing that a large negative current flows through the induc-
tor from VOUT. When this occurs, DL drives low. Both DH
and DL will then stay low until FB drops to 750mV, which
will begin the next DH on-time. Tripping Negative Cur-
rent Limit is rare.
To help reduce noise interaction between sides, the ris-
ing edge of each DH driver is inhibited momentarily if the
other side is switching. For example, if side1 is perform-
ing a DH or DL transition (up or down), then side2’s DH
driver is held off for roughly 30nsec to allow side1 to finish
switching.
Applications Information (continued)
VOUT Voltage Selection
Output voltage is regulated by comparing VOUT as seen
through a resistor divider to the internal 750mV refer-
ence, see Figure 2. Each output can be adjusted to a volt-
age between 0.75 – 5.25V. The output voltage is set by
the equation:
V
OUT
= 0.75 • (1 + R1/R2)
R1
R2
VOUT
To FB pin
Figure 2
Note: the parallel resistance of R1 and R2 should not be less than 2kΩ.
Using a smaller resistance can cause the IC to default to the internal
preset output voltages shown below.
There are fixed output voltages accessible through each
FB pin. If the FB pin is connected to either RTN or +5V,
then the IC will ignore the FB pin and instead regulate
the output voltage using the VOUT pin which is connect-
ed to internal resistors. The voltage selections available
are as shown:
FB Internal Voltage Selection
FBx = RTN
FBx = +5V
Side1
1.5V
1.8V
Side2
1.05V
1.25V
Note that each FB input operates independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com