Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 119 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 115Page - Texas Instruments TMS320DM355 Datasheet HTML 116Page - Texas Instruments TMS320DM355 Datasheet HTML 117Page - Texas Instruments TMS320DM355 Datasheet HTML 118Page - Texas Instruments TMS320DM355 Datasheet HTML 119Page - Texas Instruments TMS320DM355 Datasheet HTML 120Page - Texas Instruments TMS320DM355 Datasheet HTML 121Page - Texas Instruments TMS320DM355 Datasheet HTML 122Page - Texas Instruments TMS320DM355 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 158 page
background image
www.ti.com
PCLK
(Positive Edge Clocking)
PCLK
(Negative Edge Clocking)
7,9
HD/VD
CI[7:0]/YI[7:0]/
CCD[13:0]
8,10
11,13
12,14
5
6
C_WE/C_FIELD
PCLK
(PositiveEdgeClocking)
15
16
23
24
CI[7:0]/YI[7:0]/
CCD[13:0]
C_WE/C_FIELD
PCLK
(PositiveEdgeClocking)
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Figure 5-24. VPFE (CCD) Slave Mode Input Data Timing
Table 5-19. Timing Requirements for VPFE (CCD) Master Mode(1) (see Figure 5-25)
DM355
NO.
UNIT
MIN
MAX
15
tsu(CCDV-PCLK)
Setup time, CCD valid before PCLK edge
3
ns
16
th(PCLK-CCDV)
Hold time, CCD valid after PCLK edge
2
ns
23
tsu(CWEV-PCLK)
Setup time, C_WE valid before PCLK edge
3
ns
24
th(PCLK-CWEV)
Hold time, C_WE valid after PCLK edge
2
ns
(1)
The VPFE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode the
rising edge of PCLK is referenced. When in negative edge clocking mode the falling edge of PCLK is referenced.
Figure 5-25. VPFE (CCD) Master Mode Input Data Timing
Submit Documentation Feedback
DM355 Peripheral Information and Electrical Specifications
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com