Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 122 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 118Page - Texas Instruments TMS320DM355 Datasheet HTML 119Page - Texas Instruments TMS320DM355 Datasheet HTML 120Page - Texas Instruments TMS320DM355 Datasheet HTML 121Page - Texas Instruments TMS320DM355 Datasheet HTML 122Page - Texas Instruments TMS320DM355 Datasheet HTML 123Page - Texas Instruments TMS320DM355 Datasheet HTML 124Page - Texas Instruments TMS320DM355 Datasheet HTML 125Page - Texas Instruments TMS320DM355 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 158 page
background image
www.ti.com
1
PCLK
2
3
7
5
6
4
8
EXTCLK
4
8
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
• Internal Color Bar Generation (100%/75%)
• YUV/RGB modes support HDTV output (720p/1080i) with 74.25 MHz external clock input
5.9.2.3 VPBE Electrical Data/Timing
Table 5-21. Timing Requirements for VPBE CLK Inputs (see Figure 5-27)
DM355
NO.
UNIT
MIN
MAX
1
tc(PCLK)
Cycle time, PCLK(1)
13.33
160
ns
2
tw(PCLKH)
Pulse duration, PCLK high
5.7
ns
3
tw(PCLKL)
Pulse duration, PCLK low
5.7
ns
4
tt(PCLK)
Transition time, PCLK
3
ns
5
tc(EXTCLK)
Cycle time, EXTCLK
13.33
160
ns
6
tw(EXTCLKH)
Pulse duration, EXTCLK high
5.7
ns
7
tw(EXTCLKL)
Pulse duration, EXTCLK low
5.7
ns
8
tt(EXTCLK)
Transition time, EXTCLK
3
ns
(1)
For timing specifications relating to PCLK see Table 5-17, Timing Requirements for VPFE PCLK Master/Slave Mode.
Figure 5-27. VPBE PCLK and EXTCLK Timing
Table 5-22. Timing Requirements for VPBE Control Input With Respect to PCLK and EXTCLK(1)(2)(3) (see
Figure 5-28)
DM355
NO.
UNIT
MIN
MAX
9
tsu(VCTLV-VCLKIN)
Setup time, VCTL valid before VCLKIN edge
2
ns
10
th(VCLKIN-VCTLV)
Hold time, VCTL valid after VCLKIN edge
1
ns
(1)
The VPBE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode, the
rising edge of VCLKIN is referenced. When in negative edge clocking mode, the falling edge of VCLKIN is referenced.
(2)
VCTL = HSYNC, VSYNC, and FIELD
(3)
VCLKIN = PCLK or EXTCLK
DM355 Peripheral Information and Electrical Specifications
122
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com